Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLL701-10 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL701-10
Description  Low EMI Spread Spectrum Multiplier IC (in Die or Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-10 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL701-10 Datasheet HTML 1Page - PhaseLink Corporation PLL701-10 Datasheet HTML 2Page - PhaseLink Corporation PLL701-10 Datasheet HTML 3Page - PhaseLink Corporation PLL701-10 Datasheet HTML 4Page - PhaseLink Corporation PLL701-10 Datasheet HTML 5Page - PhaseLink Corporation PLL701-10 Datasheet HTML 6Page - PhaseLink Corporation PLL701-10 Datasheet HTML 7Page - PhaseLink Corporation PLL701-10 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PLL701-10
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 5
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
FXIN
When using a crystal
15
30
MHz
Input Frequency
FIN
When using reference clock
15
30
MHz
Maximum interruption of FIN
When using reference clock
100
µs
Load Capacitance
CL
Between Pin XIN and
XOUT*
18
pF
Pull-up Resistor
Rup
PIN 2
120
k
Pull-up Resistor
Rup
PIN 3,4,5,6,7,8,11,12
30
k
Short Circuit Current
Isc
25
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving XIN
with a reference clock signal, the load capacitance will be 36pF (typical).


Similar Part No. - PLL701-10

ManufacturerPart #DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-11 PLL-PLL701-11 Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC PLL-PLL701-11SC Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC-R PLL-PLL701-11SC-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL PLL-PLL701-11SCL Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL-R PLL-PLL701-11SCL-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-10

ManufacturerPart #DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
Abracon Corporation
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
PhaseLink Corporation
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
PhaseLink Corporation
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com