Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL601-26 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL601-26
Description  Audio Clock Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-26 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL601-26 Datasheet HTML 1Page - PhaseLink Corporation PLL601-26 Datasheet HTML 2Page - PhaseLink Corporation PLL601-26 Datasheet HTML 3Page - PhaseLink Corporation PLL601-26 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary
PLL601-26
Audio Clock Generator
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 4
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL601-26 X X X-R
Part / Order Number
Marking
Package Option
PLL601-26SC
P601-26SC
8-Pin SOIC (Tube)
PLL601-26SC-R
P601-26SC
8-Pin SOIC (Tape and Reel)
PLL601-26SCL
P601-26SCL
8-Pin SOIC (Tube), GREEN
PLL601-26SCL-R
P601-26SCL
8-Pin SOIC (Tape and Reel), GREEN
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL
C
L
A
EH
D
A1
e
B
8 PIN SOIC (in mm)
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e1.27 BSC


Similar Part No. - PLL601-26

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-22 PLL-PLL601-22 Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XC PLL-PLL601-22XC Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XC-R PLL-PLL601-22XC-R Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XCL PLL-PLL601-22XCL Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XCL-R PLL-PLL601-22XCL-R Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
More results

Similar Description - PLL601-26

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com