Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62462FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62462FP
Description  Dolby Pro Logic Surround Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62462FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62462FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice ;
This is
not a final
specification.
some parametric
limits are
subject
to change.
M62462FP
Dolby Pro Logic Surround Decoder
MITSUBISHI SOUND PROCESSORS
(
/
)
13
Outline
Outline 64P6N
0.8mm pich QFP
(14.0mm*14.0mm*2.8mm)
Dolby and the double-D symbol are trademarks of Dolby Laboratories
Licensing Corporation.San Francisco,CA94103-4813,USA.
This device available only to licensees of Dolby Lab.
Licensing and application information may be obtained from Dolby Lab.
System Configuration
Features
Input
Auto-
Balance
Control
Noise
Sequencer
Adaptive
Matrix
S'
7kHz
LPF
Digital Delay
Modified
Dolby
B-NR
Center/
operating
mode
control
L
R
C
S
Center
Surround
Master
Volume
Lch
Rch
Cch
Sch
Lch
Rch
CENTER
SURROUND
Delay IN
Lch IN
Rch IN
DATA SCK
REQ
MCU Interface
L-R
L+R
Description
The M62462FP is a Single Chip Dolby Pro Logic
Surround Decoder.This LSI has all functions necessary
for Dolby Pro Logic Surround.
1
Includes all functions necessary for Dolby Pro Logic Surround
-Adaptive Matrix
-Input Auto-Balance
-Noise Sequencer
-Center Mode Control ON/OFF, WIDE/NORMAL/PHANTOM
-Modified Dolby B type Noise Reduction
-4 channel (Lch/Rch/Cch/Sch) / 3 channel (Lch/Rch/Cch)
-Digital delay Delay time:15.4 to 51.2msec
Cch/Sch Master Volume 0 to -84dB/1dB step
3-lines MCU control
Current control oscillation circuit for system clock
Master
Volume
Master
Volume
OUT
OUT
OUT
OUT
M62462FP
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn