Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62462FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part No. M62462FP
Description  Dolby Pro Logic Surround Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62462FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M62462FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice ;
This is
not a final
specification.
some parametric
limits are
subject
to change.
M62462FP
Dolby Pro Logic Surround Decoder
MITSUBISHI SOUND PROCESSORS
(
/
)
13
Set Conditions
Mode Setting (D0="L",D1="L")
D2
L
L
H
H
L
H
H
Condition
Switch
Normal stereo (bypass)
Delay Time Setting (D0="L,D1="H")
D2
D3
L
L
L
H
H
L
H
H
Condition
Sampling frequency
15.4msec
20.5msec
25.6msec
29.2msec
500kHz
500kHz
400kHz
333kHz
D4
L
L
L
L
L
L
H
51.2msec
200kHz
D3
L
Dolby Pro Logic Surround
1
2
1
3
8
Space surround
Output Mute
Pro Logic Mode Setting(D0="L",D1="L")
D4
L
H
Condition
4ch Pro Logic
3ch Stereo
SW3
1
3
SW1 SW2 SW4
1
2
1
3
4
1
2to4
4
Center Mode Setting (D0="L",D1="L")
D5
D6
L
L
L
H
H
L
H
H
Condition
Normal
Wide
Phantom
OFF


Similar Part No. - M62462FP

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62460FP MITSUBISHI-M62460FP Datasheet
280Kb / 20P
   ?쏶uper Single Chip??Surround Processor with Dolby Pro Logic Decoder
M62463 MITSUBISHI-M62463 Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
Renesas Technology Corp
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results

Similar Description - M62462FP

ManufacturerPart No.DatasheetDescription
New Japan Radio
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
Renesas Technology Corp
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
New Japan Radio
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
Sanyo Semicon Device
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
New Japan Radio
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz