Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62462FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62462FP
Description  Dolby Pro Logic Surround Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62462FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M62462FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice ;
This is
not a final
specification.
some parametric
limits are
subject
to change.
M62462FP
Dolby Pro Logic Surround Decoder
MITSUBISHI SOUND PROCESSORS
(
/
)
13
12.SERIAL DATA CONTROL FORMAT
7
Data Input Format
D0
SCK
DATA
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
REQ
DATA is read at the rising edge of SCK, and loaded last 16 bits at the
rising edge of REQ.
D0
D1
L
H
D14 D15
Chip
Address
D2
D3
D4 D5
D6
D7
D8
D9 D10 D11 D12 D13
Mode
Set
Delay
Time
Sch Volume
Noise
Sequencer
Center
Mode
Cch Volume
Control Mode
Contents
Mode Set
1
Normal Stereo / Dolby Pro Logic /
Space Surround / Mute
15.4, 20.5, 25.6, 29.2, 51.2 msec
ON / OFF
Lch / Rch / Cch / Sch
Wide / Normal / Phantom / OFF
0 to -84dB / 1dB step and
-
Delay Time
Noise Sequencer
Center Mode
Cch/Sch Volume
3
4
5
Control condition
9
Input data effecte or not
Chip Address
10
Pro
Logic
Mode
H
H
Space
Surround
Mode
Pro Logic Mode
4ch Pro Logic / 3ch stereo
2
7
Space Surround Mode
Input to Delay L-R / (L+R)/2 / Din(External)
BNR
ON / OFF
Auto-
Balance
L
L
Input Auto-Balance
ON / OFF
Auto-Balance
6
set
to
"L"
Test Mode
Feedback
Volume
-3 to -21dB / 3dB step and -
Feedback Volume
8


Similar Part No. - M62462FP

ManufacturerPart #DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62460FP MITSUBISHI-M62460FP Datasheet
280Kb / 20P
   ?쏶uper Single Chip??Surround Processor with Dolby Pro Logic Decoder
M62463 MITSUBISHI-M62463 Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
Renesas Technology Corp
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results

Similar Description - M62462FP

ManufacturerPart #DatasheetDescription
New Japan Radio
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
Renesas Technology Corp
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
New Japan Radio
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
Sanyo Semicon Device
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
New Japan Radio
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com