Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62462FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62462FP
Description  Dolby Pro Logic Surround Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62462FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62462FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62462FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice ;
This is
not a final
specification.
some parametric
limits are
subject
to change.
M62462FP
Dolby Pro Logic Surround Decoder
MITSUBISHI SOUND PROCESSORS
(
/
)
13
4
7.FUNCTIONAL DESCRIPTION
FUNCTION
DESCRIPTION
1
Fundamental function for
Dolby Pro Logic Surround
Decoder
-Adaptive Matrix
-Input Auto-Balance
-Noise Sequencer
-Center Mode Control
ON/OFF
WIDE/NORMAL/PHANTOM
-Modified Dolby B type Noise Reduction
-4ch(L,R,C,S), 3ch(L,R,C) Mode Switch
2
3 Surround Delay Time
Circuit for Space Surround
4
Cch/Sch Master Volume
6
Bypass Switch
7
Output Mute
8
MCU Interface
Controlled by 3-lines serial data from MCU
Including the Chip Address (2 bit)
9
RAM for Digital Delay
10K-bit RAM
15.4, 20.5, 25.6, 29.2msec
(for Dolby Pro Logic Surround)
51.2msec (for Space Surround)
Digital delay circuit can be used for
Space Surround such as a Disco, Hall or Live.
0 to -84dB/1dB step, and -
Bypass the decode circuit
Mute the Lch and Rch output
10 Current control oscillation circuit
Including the oscillation circuit without
external parts.
5 Feedback Volume
Delay Signal Feedback Volume
-3 to -21 dB/3dB step, and -


Similar Part No. - M62462FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62460FP MITSUBISHI-M62460FP Datasheet
280Kb / 20P
   ?쏶uper Single Chip??Surround Processor with Dolby Pro Logic Decoder
M62463 MITSUBISHI-M62463 Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results

Similar Description - M62462FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com