Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL602-89SI Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL602-89SI
Description  12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-89SI Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL602-89SI Datasheet HTML 1Page - PhaseLink Corporation PLL602-89SI Datasheet HTML 2Page - PhaseLink Corporation PLL602-89SI Datasheet HTML 3Page - PhaseLink Corporation PLL602-89SI Datasheet HTML 4Page - PhaseLink Corporation PLL602-89SI Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL602-89
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 5
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL602-89 S C
Order Number
Marking
Package Option
PLL602-89SC-R
P602-89SC
SOIC - Tape and Reel
PLL602-89SC
P602-89SC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
C
L
A
8 PIN SOIC (mm )
Narrow SOIC
Symbol
Min.
Max.
A1.47
1.73
A
1
0.10
0.25
B0.33
0.51
C0.19
0.25
D4.80
4.95
E3.80
4.00
H5.80
6.20
L0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B


Similar Part No. - PLL602-89SI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-89C PLL-PLL602-89C Datasheet
222Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSC PLL-PLL602-89CSC Datasheet
222Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSC-R PLL-PLL602-89CSC-R Datasheet
222Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSI PLL-PLL602-89CSI Datasheet
222Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89D PLL-PLL602-89D Datasheet
219Kb / 5P
   12-27 MHz XO IC with 2 Pairs of LVDS Outputs
More results

Similar Description - PLL602-89SI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0289 ABRACON-ABX0289 Datasheet
97Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
03/21/05
ABX0289C ABRACON-ABX0289C Datasheet
97Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
03/21/05
logo
PhaseLink Corporation
PLL602-89C PLL-PLL602-89C Datasheet
222Kb / 5P
   12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
logo
Abracon Corporation
ABX0289T ABRACON-ABX0289T Datasheet
99Kb / 5P
   12-27 MHz XO IC with 3 Pairs of LVDS and 1 CMOS Outputs
03/21/05
logo
PhaseLink Corporation
PLL602-89T PLL-PLL602-89T Datasheet
221Kb / 5P
   12-27 MHz XO IC with 3 Pairs of LVDS and 1 CMOS Outputs
PLL602-89D PLL-PLL602-89D Datasheet
219Kb / 5P
   12-27 MHz XO IC with 2 Pairs of LVDS Outputs
logo
Abracon Corporation
ABX0289D ABRACON-ABX0289D Datasheet
94Kb / 5P
   12-27 MHz XO IC with 2 Pairs of LVDS Outputs
03/21/05
logo
Pericom Semiconductor C...
FNSURV027 PERICOM-FNSURV027 Datasheet
738Kb / 2P
   3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
FNSTB1027 PERICOM-FNSTB1027 Datasheet
735Kb / 2P
   3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com