Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2695MH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695MH
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695MH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2695MH Datasheet HTML 1Page - National Semiconductor (TI) LM2695MH Datasheet HTML 2Page - National Semiconductor (TI) LM2695MH Datasheet HTML 3Page - National Semiconductor (TI) LM2695MH Datasheet HTML 4Page - National Semiconductor (TI) LM2695MH Datasheet HTML 5Page - National Semiconductor (TI) LM2695MH Datasheet HTML 6Page - National Semiconductor (TI) LM2695MH Datasheet HTML 7Page - National Semiconductor (TI) LM2695MH Datasheet HTML 8Page - National Semiconductor (TI) LM2695MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 24V, RON = 200k
Ω. See (Note
5). (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FB bias current
1
nA
Thermal Shutdown
T
SD
Thermal shutdown
temperature
175
˚C
Thermal shutdown hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to Ambient
0 LFPM Air Flow
Both Packages
37
˚C/W
θ
JC
Junction to Case
Both Packages
6.6
˚C/W
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
Note 4: For detailed information on soldering plastic LLP packages, refer to the Packaging Data Book available from National Semiconductor Corporation.
Note 5: Typical specifications represent the most likely parametric norm at 25˚C operation.
www.national.com
5


Similar Part No. - LM2695MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695MH/NOPB TI-LM2695MH/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695MHX/NOPB TI-LM2695MHX/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM2695MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com