Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9561318HYC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5962-9561318HYC
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9561318HYC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5962-9561318HYC Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9561318HYC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SRAM
AS5C4009LL
Austin Semiconductor, Inc.
AS5C4009LL
Rev. 4.0 2/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
AVAILABLE AS MILITARY
SPECIFICATION
• SMD 5962-956131,2
• MIL STD-8831
FEATURES
• Ultra Low Power with 2V Data Retention
(0.2mW MAX worst case Power-down standby)
• Fully Static, No Clocks
• Single +5V ±10% power supply
• Easy memory expansion with CE\ and OE\ options
• All inputs and outputs are TTL-compatible
• Three state outputs
• Operating temperature range:
Ceramic
-55oC to +125oC & -40oC to +85oC
Plastic
-40oC to +85oC3
1. Not applicable to plastic package
2. Applies to CW package only.
3. Contact factory for -55oC to +125oC
OPTIONS
MARKING
• Timing
55ns access
-554
70ns access
-70
85ns access
-85
100ns access
-100
• Packages
Ceramic Dip (600 mil)
CW
No. 112
Ceramic SOJ5
ECJ
No. 502
Plastic TSOP
DG
No. 1002
PIN ASSIGNMENT
(Top View)
32-Pin DIP, 32-Pin SOJ
& 32-Pin TSOP
4. For DG package, contact factory
5. Contact Factory
NOTE: Not all combinations of operating temperature, speed, data retention and low power are
necessarily available. Please contact the factory for availability of specific part number
combinations.
512K x 8 SRAM
Ultra Low Power SRAM
For more products and information
please visit our web site at
www.austinsemiconductor.com
GENERAL DESCRIPTION
The AS5C4009LL is organized as 524,288 x 8 SRAM utilizing a
special ultra low power design process. ASI’s pinout adheres to the
JEDEC standard for pinout on 4 megabit SRAMs. The evolutionary 32
pin version allows for easy upgrades from the 1 meg SRAM design.
For flexibility in memory applications, ASI offers chip enable (CE\)
and output enable (OE\) capabilities. These features can place the
outputs in High-Z for additional flexibility in system design.
This devices operates from a single +5V power supply and all
inputs and outputs are fully TTL-compatible.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW. The device offers a re-
duced power standby mode when disabled, by lowering VCC to 2V and
maintaining CE\ = 2V. This allows system designers to meet ultra low
standby power requirements.
Pin Name
Function
WE\
Write Enable Input
CE\
Chip Select Input
OE\
Output Enable Input
A0 - A18
Address Inputs
I/O1 - I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/01
I/02
I/03
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
A15
A17
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/08
I/07
I/06
I/05
I/04


Similar Part No. - 5962-9561318HYC

ManufacturerPart #DatasheetDescription
logo
Micross Components
5962-9561318HYC MICROSS-5962-9561318HYC Datasheet
162Kb / 12P
   Three state outputs
More results

Similar Description - 5962-9561318HYC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com