Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9561317HYC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5962-9561317HYC
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9561317HYC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5962-9561317HYC Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9561317HYC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SRAM
AS5C4009LL
Austin Semiconductor, Inc.
AS5C4009LL
Rev. 4.0 2/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(-55oC < T
A < 125
oC; Vcc = 5V +10%)
CAPACITANCE
PARAMETER
SYMBOL
MAXIMUM
UNITS
NOTES
Input Capacitance
VIN=0V
CIN
8pF
4
Input/Output Capactiance
VIO=0V
CIO
10
pF
4
TA = 25
oC, f = 1MHz
VCC = 5V
CONDITIONS
SYM
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS NOTES
READ Cycle
READ cycle Time
t RC
55
70
85
100
ns
Address access time
t AA
55
70
85
100
ns
Chip Enable access time
t ACE
55
70
85
100
ns
Output hold from address change
t OH
10
10
10
10
ns
Chip Enable to output in Low-Z
t LZCE
10
10
10
10
ns
4,6
Chip disable to output in High-Z
t HZCE
20
25
30
30
ns
4,6
Chip Enable to power-up time
t PU
0000ns
4
Chip disable to power-down time
t PD
55
70
85
100
ns
4
Output Enable access time
t AOE
30
35
40
45
ns
Output Enable to output in Low-Z
t LZOE
5555ns
4,6
Output disable to output in High-Z
t HZOE
20
25
30
30
ns
4,6
WRITE Cycle
WRITE cycle time
t WC
55
70
85
100
ns
Chip Enable to end of write
t CW
50
60
70
80
ns
Address valid to end of write
t AW
50
60
70
80
ns
Address setup time
t AS
0000ns
Address hold from end of write
t AH
0000ns
WRITE pulse width
t WP1
50
60
70
80
ns
Data setup time
t DS
30
30
35
40
ns
Data hold time
t DH
0000ns
Write disable to output in Low-Z
t LZWE
5555ns
4,6
Write Enable to output in High-Z
t HZWE
25
25
30
30
ns
4,6
-100
DESCRIPTION
-55
-70
-85


Similar Part No. - 5962-9561317HYC

ManufacturerPart #DatasheetDescription
logo
Micross Components
5962-9561317HYC MICROSS-5962-9561317HYC Datasheet
162Kb / 12P
   Three state outputs
More results

Similar Description - 5962-9561317HYC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com