Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5337 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN5337
Description  NTSC Video Signal Processor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5337 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN5337 Datasheet HTML 3Page - Panasonic Semiconductor AN5337 Datasheet HTML 4Page - Panasonic Semiconductor AN5337 Datasheet HTML 5Page - Panasonic Semiconductor AN5337 Datasheet HTML 6Page - Panasonic Semiconductor AN5337 Datasheet HTML 7Page - Panasonic Semiconductor AN5337 Datasheet HTML 8Page - Panasonic Semiconductor AN5337 Datasheet HTML 9Page - Panasonic Semiconductor AN5337 Datasheet HTML 10Page - Panasonic Semiconductor AN5337 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ICs for TV
AN5337K
Parameter
Symbol
Condition
min
typ
max
Unit
(19)
VCC2 5V
±0.5V
VCC2 5V
±0.5V
VCC2 5V
±0.5V
Zener temperature characteristics +1.8mV/deg
VFBP–1
VFBP–2
V
V
H center : typ.
Hout rise to FBP center
Horizontal sync. rear edge to
Burst gate pulse front edge
(0.7)
(2.5)
Sandcastle pulse input threshold level
temperature characteristics
FBP input threshold level temperature
characteristics HBLK
FBP input threshold level temperature
characteristics AFCI
TH–FBP
∆V
48 (Ta)
∆V
50 (Ta)
µs
µs
mV/deg
mV/deg
mV/deg
(0.3)
(1.8)
(0)
(1)
(0.74)
(0.44)
F.B.P slice level (blanking)
F.B.P slice level (AFCI)
F.B.P delay time range
B.G.P start position
Sandcastle pulse output temperature characteristics
X– ray inner reference temperature characteristics
Sandcastle pulse output supply voltage
dependency BGP
Sandcastle pulse output supply voltage
dependency HBLK
Sandcastle pulse output supply voltage
dependency VBLK
∆V
49 (Ta)
(0)
(–1.8)
(1)
mV/deg
V/V
mV/deg
V/V
V/V
Vertical Signal Processing
Vertical BLK phase (WIDE)
Vertical BLK phase (NORMAL)
Neck break operation Pin49 voltage
Vertical BLK pulse width (WIDE)
Y Signal Processing
Contrast variable range
Y output amplitude VCC dependency
Y output DC voltage VCC dependency
Y noise level
Delay line dynamic range
Y output amplitude ambient temperature dependency R
Y output amplitude ambient temperature dependency G
Y output amplitude ambient temperature dependency B
APL detection voltage
PVBLK (W)
PVBLK
V49
TVBLK (W)
AyG (CON)
min.
∆y
G (VCC)
∆Y
G (VCC)
VYNL
VDLmax
AAPL
∆y
R (Ta)
∆y
G (Ta)
∆y
B (Ta)
Period from VBLK rise up to
vertical sync. fall down
Period from VBLK rise up to
vertical sync. fall down
Pin5 : 1.5V
Contrast : 00 to 7F
APL 50
→100% detection
voltage ratio
–20 to +70˚C
–20 to +70˚C
–20 to +70˚C
(1.5)
(1)
(3.87)
(0.2)
(5.05)
(40)
(0.4)
(0.18)
(7)
(0.7)
(–6)
(–8)
(–6)
(2)
(4)
(50)
ms
ms
V
ms
dB
dB/V
V/V
mV
V
times
%
%
%
AFC1 reference current (2)
AFC1 reference current (3)
AFC1 reference current (4)
I30 (2)
I30 (3)
I30 (4)
0D [20]
0D [10]
0D [00]
(1.33)
(1.83)
(2.33)
mA
mA
mA
Chroma Signal Processing
e0 –V
∆f
CO –V
(0)
(220)
dB/V
Hz/V
Demodulation output amplitude VCC dependency
VCO VCC dependency
Demodulation output ambient temperature dependency R–Y
Demodulation output ambient temperature dependency B–Y
Burst-chroma ratio tolerance
∆e
R–Y (Ta)
∆e
B–Y (Ta)
Burst compression tolerance
for color bar chroma
–20 to +70˚C
–20 to +70˚C
(– 40)
(–3)
(–3)
%
%
%
∆e
0 (bst)
Note) The characteristics value in parentheses is not a guaranteed value, but reference one on design.
s Electrical Characteristics (cont.) (Ta= 25
±2˚C)


Similar Part No. - AN5337

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN533 STMICROELECTRONICS-AN533 Datasheet
222Kb / 22P
   The behavior of a semiconductor device depends
logo
List of Unclassifed Man...
AN5330 ETC2-AN5330 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN5332N ETC1-AN5332N Datasheet
181Kb / 6P
   AN5312
More results

Similar Description - AN5337

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5304NK PANASONIC-AN5304NK Datasheet
484Kb / 6P
   NTSC VIDEO SIGNAL PROCESSOR IC
logo
Renesas Technology Corp
M52042FP RENESAS-M52042FP Datasheet
183Kb / 14P
   NTSC Video Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52042FP MITSUBISHI-M52042FP Datasheet
315Kb / 7P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR?
logo
Panasonic Semiconductor
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
   Video Signal Processor IC for PAL/NTSC Color-TV
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA8819F TOSHIBA-TA8819F Datasheet
1,015Kb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV
logo
Sanyo Semicon Device
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
   Monolithic Linear IC Video Signal Processor
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com