Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VN5016AJ-E Datasheet(PDF) 3 Page - STMicroelectronics

Part No. VN5016AJ-E
Description  SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5016AJ-E Datasheet(HTML) 3 Page - STMicroelectronics

  VN5016AJ-E Datasheet HTML 1Page - STMicroelectronics VN5016AJ-E Datasheet HTML 2Page - STMicroelectronics VN5016AJ-E Datasheet HTML 3Page - STMicroelectronics VN5016AJ-E Datasheet HTML 4Page - STMicroelectronics VN5016AJ-E Datasheet HTML 5Page - STMicroelectronics VN5016AJ-E Datasheet HTML 6Page - STMicroelectronics VN5016AJ-E Datasheet HTML 7Page - STMicroelectronics VN5016AJ-E Datasheet HTML 8Page - STMicroelectronics VN5016AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
VN5016AJ-E
Figure 4. Configuration Diagram (Top View) & Suggested Connections For Unused and n.c. Pins
Table 4. Absolute Maximum Ratings
Table 5. Thermal Data
Note: 1. When mounted on a standard single-sided FR4 board with 0.5cm2 of Cu (at least 35 µm thick) connected to TAB.
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
-30
A
IIN
DC input current
-1 to 10
mA
ICSD
DC current sense disable input current
-1 to 10
mA
VCSENSE
Current sense maximum voltage
VCC-41
+VCC
V
V
VESD
Electrostatic discharge (R=1.5k
Ω; C=100pF)
2000
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Symbol
Parameter
Max Value
Unit
Rthj-case
Thermal resistance junction-case
2.3
°C/W
Rthj-amb
Thermal resistance junction-ambient
75 (see note 1)
°C/W
Connection / Pin Current Sense
N.C.
Output
Input
CS_DIS
Floating
X
X
X
X
To Ground
Through 1K
resistor
X
Through 10K
resistor
Through 10K
resistor
TAB = Vcc
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
12
11
10
9
8
7
1
2
3
4
5
6
VCC
VCC
INPUT
CURRENT SENSE
GND
CS_DIS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VND5012AK-E DOUBLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS 1  2  3  4  5  More STMicroelectronics
VND5050J-E Double channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
VND5050AJ-E Double channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
VN5050J-E Single channel high side driver for automotive applications 1  2  3  4  5  More STMicroelectronics
VNQ5050K-E QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS 1  2  3  4  5  More STMicroelectronics
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
M74HC4851 SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION 1  2  3  4  5  More STMicroelectronics
2SK2823 N CHANNEL MOS TYPE FOR PORTABLE EQUIPMENT HIGH SPEED ANALOG SWITCH APPLICATIONS 1  2  3  4  Toshiba Semiconductor
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn