Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-49CZT Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9169-49CZT
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-49CZT Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9169-49CZT Datasheet HTML 1Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 2Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 3Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 4Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 5Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 6Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 7Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 8Page - Richtek Technology Corporation RT9169-49CZT Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
RT9169
DS9169-02 October 2001
www.richtek-ic.com.tw
5
Electrical Characteristics
(VIN = 5.5V, CIN = 1
µF, COUT = 1µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2--
6
V
Output Voltage Accuracy
∆VOUT IL = 1mA
-2
--
+2
%
Maximum Output Current
IMAX
VIN = VOUT + 0.6V, VIN
≥ 3.6V
100
--
--
mA
Current Limit
ILIMIT
RLOAD = 1
--
250
--
mA
No Load
--
4
7
µA
GND Pin Current
IG
IOUT = 100mA
410
µA
IOUT = 1mA, VIN
≥ 3.6V
--
4
--
IOUT = 50mA, VIN
≥ 3.6V
--
200
--
Dropout Voltage
VDROP
IOUT = 100mA, VIN
≥ 3.6V
--
450
--
mV
Line Regulation
∆VLINE
VIN = (VOUT + 0.3V) to 6V,
VIN
≥ 3.6V, IOUT = 1mA
-0.2
--
+0.2
%/V
Load Regulation
∆VLOAD ILOUT = 0mA to 100mA
--
0.01
0.04
%/mA
Output Noise
eNO
BW = 100Hz to 50KHz
COUT = 10
µF
--
250
--
µV
Ripple Rejection
PSRR
F = 1KHz, COUT = 10
µF
--
50
--
DB
Standby Current
RT9169-CB
EN = VIN
--
0.1
1
µA
EN Threshold
0.6
1
2
V
Application Information
A 1
µF (or larger) capacitor is recommended between
VOUT and GND for stability. The part may oscillate
without the capacitor. Any type of capacitor can be
used, but not Aluminum electrolytes when operating
below –25
°C. The capacitance may be increased
without limit.
A 1
µF capacitor (or larger) should be placed between
VIN to GND.


Similar Part No. - RT9169-49CZT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-49GB RICHTEK-RT9169-49GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GV RICHTEK-RT9169-49GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GVL RICHTEK-RT9169-49GVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GX RICHTEK-RT9169-49GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GZL RICHTEK-RT9169-49GZL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-49CZT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com