Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0837V-133BBC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C0837V-133BBC
Description  FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0837V-133BBC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C0837V-133BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 9Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 10Page - Cypress Semiconductor CY7C0837V-133BBC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PRELIMINARY
CY7C0837V
CY7C0830V/CY7C0831V
CY7C0832V/CY7C0833V
Document #: 38-06059 Rev. *K
Page 7 of 28
Counter Reset Operation
All unmasked bits of the counter and mirror registers are reset
to “0.” All masked bits remain unchanged. A Mask Reset
followed by a Counter Reset will reset the counter and mirror
registers to 00000, as will master reset (MRST).
Counter Load Operation
The address counter and mirror registers are both loaded with
the address value presented at the address lines.
Counter Increment Operation
Once the address counter register is initially loaded with an
external address, the counter can internally increment the
address value, potentially addressing the entire memory array.
Only the unmasked bits of the counter register are incre-
mented. The corresponding bit in the mask register must be
a “1” for a counter bit to change. The counter register is incre-
mented by 1 if the least significant bit is unmasked, and by 2
if it is masked. If all unmasked bits are “1,” the next increment
will wrap the counter back to the initially loaded value. If an
Increment results in all the unmasked bits of the counter being
“1s,” a counter interrupt flag (CNTINT) is asserted. The next
Increment will return the counter register to its initial value,
which was stored in the mirror register. The counter address
can instead be forced to loop to 00000 by externally
connecting CNTINT to CNTRST.[18] An increment that results
in one or more of the unmasked bits of the counter being “0”
will de-assert the counter interrupt flag. The example in
Figure 2 shows the counter mask register loaded with a mask
value of 0003Fh unmasking the first 6 bits with bit “0” as the
LSB and bit “16” as the MSB. The maximum value the mask
register can be loaded with is 3FFFFh. Setting the mask
register to this value allows the counter to access the entire
memory space. The address counter is then loaded with an
initial value of 8h. The base address bits (in this case, the 6th
address through the 16th address) are loaded with an address
value but do not increment once the counter is configured for
increment operation. The counter address will start at address
8h. The counter will increment its internal address value till it
reaches the mask register value of 3Fh. The counter wraps
around the memory block to location 8h at the next count.
CNTINT is issued when the counter reaches its maximum
value
Counter Hold Operation
The value of all three registers can be constantly maintained
unchanged for an unlimited number of clock cycles. Such
operation is useful in applications where wait states are
needed, or when address is available a few cycles ahead of
data in a shared bus interface.
Counter Interrupt
The counter interrupt (CNTINT) is asserted LOW when an
increment operation results in the unmasked portion of the
counter register being all “1s.” It is deasserted HIGH when an
Increment operation results in any other value. It is also
de-asserted by Counter Reset, Counter Load, Mask Reset
and Mask Load operations, and by MRST.
Counter Readback Operation
The internal value of the counter register can be read out on
the address lines. Readback is pipelined; the address will be
valid tCA2 after the next rising edge of the port’s clock. If
address readback occurs while the port is enabled (CE0 LOW
and CE1 HIGH), the data lines (DQs) will be three-stated.
Figure 1 shows a block diagram of the operation.
.
Table 3. Address Counter and Counter-Mask Register Control Operation (Any Port) [16, 17]
CLK
MRST
CNT/MSK
CNTRST
ADS
CNTEN
Operation
Description
X
L
X
X
X
X
Master Reset
Reset address counter to all 0s and mask
register to all 1s.
H
H
L
X
X
Counter Reset
Reset counter unmasked portion to all 0s.
H
H
H
L
L
Counter Load
Load counter with external address value
presented on address lines.
H
H
H
L
H
Counter
Readback
Read out counter internal value on address
lines.
H
H
H
H
L
Counter Increment Internally increment address counter value.
H
H
H
H
H
Counter Hold
Constantly hold the address value for
multiple clock cycles.
H
L
L
X
X
Mask Reset
Reset mask register to all 1s.
H
L
H
L
L
Mask Load
Load mask register with value presented on
the address lines.
H
L
H
L
H
Mask Readback
Read out mask register value on address
lines.
H
L
H
H
X
Reserved
Operation undefined
Notes:
17. Counter operation and mask register operation is independent of chip enables.
18. CNTINT and CNTRST specs are guaranteed by design to operate properly at speed grade operating frequency when tied together.


Similar Part No. - CY7C0837V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV-133BBC CYPRESS-CY7C0837AV-133BBC Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV-133BBC CYPRESS-CY7C0837AV-133BBC Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV-133BBI CYPRESS-CY7C0837AV-133BBI Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0837V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com