Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-49CZL Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9169-49CZL
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-49CZL Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9169-49CZL Datasheet HTML 1Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 2Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 3Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 4Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 5Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 6Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 7Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 8Page - Richtek Technology Corporation RT9169-49CZL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
RT9169
DS9169-02 October 2001
www.richtek-ic.com.tw
1
100mA, 4
µµµµA Quiescent Current CMOS LDO Regulator
General Description
The RT9169 series are 100mA ultra-low quiescent
current CMOS low dropout (LDO) regulator designed
for battery-powered equipments. The output voltages
range from 1.2V to 5V with 0.1V per step.
The other features include 4
µA ultra-low quiescent,
low dropout voltage, high output accuracy, current
limiting protection, and high ripple rejection ratio.
Ordering Information
RT9169-
Typical Application Circuit
Features
Ultra-Low Quiescent Current: 4
µµµµA
Low Dropout: 450mV at 100mA
Wide Operating Voltage Ranges: 2V~6V
Current Limiting Protection
Only 1
µµµµF Output Capacitor Required for
Stability
High Power Supply Rejection Ratio
Applications
Battery-Powered Equipment
Palmtops, Notebook Computers
Hand-held Instruments
PCMCIA Cards
Pin Configurations
Part Number
Pin Configurations
RT9169-
CZL
(Plastic TO-92)
TOP VIEW
1. VIN
2. GND
3. VOUT
RT9169-
CZT
(Plastic TO-92)
TOP VIEW
1. VOUT
2. VIN
3. GND
RT9169-
CX
(Plastic SOT-89)
TOP VIEW
1. GND
2. VIN (TAB)
3. VOUT
RT9169-
CV
(Plastic SOT-23)
TOP VIEW
1. VOUT
2. GND
3. VIN
RT9169-
CB
(Plastic SOT-25)
TOP VIEW
1. VIN
2. GND
3. EN
4. NC
5. VOUT
Operating temperature range
C: Commercial standard
Package type
ZL : TO-92 L Type
ZT : TO-92 T Type
X : SOT-89
V : SOT-23
CB : SOT-25
Output voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
VOUT
RT9169
VOUT
COUT
1
µF
VIN
VIN
CIN
1
µF
GND
1 2 3
1 2 3
1
3
2
12
3
5
4
3
2
1


Similar Part No. - RT9169-49CZL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-49GB RICHTEK-RT9169-49GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GV RICHTEK-RT9169-49GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GVL RICHTEK-RT9169-49GVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GX RICHTEK-RT9169-49GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-49GZL RICHTEK-RT9169-49GZL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-49CZL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com