Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9561316HYA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962-9561316HYA
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9561316HYA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962-9561316HYA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-9561316HYA Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SRAM
AS5C4009LL
Austin Semiconductor, Inc.
AS5C4009LL
Rev. 4.0 2/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
ASI Case #1002 (Package Designator DG)
MECHANICAL DEFINITION*
*All measurements are in inches.
0.463±0.008
0.400 TYP
0 - 8°
0.006 +0.004/-0.002
0.018 ~ 0.030
0.050 TYP
0.016 ± 0.004
0.037 TYP
0.841 MAX
0.825 ± 0.004
0.002 MIN
0.039 ± 0.004
0.047 MAX
0.004 MAX


Similar Part No. - 5962-9561316HYA

ManufacturerPart #DatasheetDescription
logo
Micross Components
5962-9561316HYA MICROSS-5962-9561316HYA Datasheet
162Kb / 12P
   Three state outputs
More results

Similar Description - 5962-9561316HYA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com