Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5308NK Datasheet(PDF) 23 Page - Panasonic Semiconductor

Part # AN5308NK
Description  Single chip IC for color TV Built-in I2C bus interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5308NK Datasheet(HTML) 23 Page - Panasonic Semiconductor

Back Button AN5308NK Datasheet HTML 17Page - Panasonic Semiconductor AN5308NK Datasheet HTML 18Page - Panasonic Semiconductor AN5308NK Datasheet HTML 19Page - Panasonic Semiconductor AN5308NK Datasheet HTML 20Page - Panasonic Semiconductor AN5308NK Datasheet HTML 21Page - Panasonic Semiconductor AN5308NK Datasheet HTML 22Page - Panasonic Semiconductor AN5308NK Datasheet HTML 23Page - Panasonic Semiconductor AN5308NK Datasheet HTML 24Page - Panasonic Semiconductor AN5308NK Datasheet HTML 25Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ICs for TV
AN5308NK
23
Pin No.
Pin name
Equivalent circuit
Description
Pin waveform
55
Sync. in (H)
Input pin for sync.
separation
56
Black detection

inhibition
57
Sync. in (V)
Input pin for sync.
separation
58
Lock det. filter
Filter pin for horizontal
At sync.: 6 V
oscillation frequency and At async.: 0 V
sync. detection of input
At hold-down: 8.3 V
sync., common use as
hold-down detection.
59
Sandcastle
Input pin for vertical
pulse input
and horizontal blanking
For AFC
pulses on which a burst
FBP input
gate pulse has been
super-imposed.
• Threshold voltage
Burst gate pulse
: 3.5 V
Horizontal blanking pulse
: 2.2 V
Vertical blanking pulse
: 1.0 V
55
VCC
100 pF
2 V
9 V
200
Ω 2 kΩ
2.2
µA
23.5 k
56
12 k
Ω 12 kΩ
14.5 k
57
VCC
68 pF
2 V
9 V
6 k
0.7
µA
68 k
58
VCC 9 V
200
10 k
100
µA
200
200
90 k
s Terminal Equivalent Circuits (continued)
300
59
VCC 5 V
50 k
50 k
4.3 V
3.0 V
1.5 V


Similar Part No. - AN5308NK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5301 ETC2-AN5301 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN5302 ETC2-AN5302 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
List of Unclassifed Man...
AN5302K ETC2-AN5302K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5303K PANASONIC-AN5303K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
More results

Similar Description - AN5308NK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1268N TOSHIBA-TA1268N Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSE 1CHIP COLOR TV IC
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NTE Electronics
NTE7149 NTE-NTE7149 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com