Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5308NK Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN5308NK
Description  Single chip IC for color TV Built-in I2C bus interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5308NK Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN5308NK Datasheet HTML 7Page - Panasonic Semiconductor AN5308NK Datasheet HTML 8Page - Panasonic Semiconductor AN5308NK Datasheet HTML 9Page - Panasonic Semiconductor AN5308NK Datasheet HTML 10Page - Panasonic Semiconductor AN5308NK Datasheet HTML 11Page - Panasonic Semiconductor AN5308NK Datasheet HTML 12Page - Panasonic Semiconductor AN5308NK Datasheet HTML 13Page - Panasonic Semiconductor AN5308NK Datasheet HTML 14Page - Panasonic Semiconductor AN5308NK Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ICs for TV
AN5308NK
11
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
RGB signal processing (continued)
Color control range (External)
∆e
COLOR
0E: [40] versus DAC control ratio
28
%
White character slice level range
VW
Blooming: DC 2.5 V, color differ-
0.6
0.8
1.0
V
ence no-input
White character correction amount
∆V
W
Blooming: DC 2.5 V, color differ-
0.6
0.8
1.0
V
ence no-input
Demodulation angle R *
1
∠R
OUT
Tint: Tint center
87
degree
Demodulation angle G 1 *
1
∠G
OUT1
Tint: Tint center, G-Y ratio change-
216
degree
over: Type1
Demodulation angle G 2 *
1
∠G
OUT2
Tint: Tint center, G-Y ratio change-
236
degree
over: Type2
Deflection signal processing
Vertical amplitude min. value
VAMPmin
1.75
2.0
2.25
V[p-p]
Vertical amplitude max. value
VAMPmax
2.8
3.2
3.6
V[p-p]
Vertical amplitude variation ratio
∆V
AMP
Vertical amplitude: typ.
→max.,min.
±10
±19
±28
%
Vertical linearity variation width
∆V
LIN
Vertical linearity: typ.
→max.,min.
±5
±12
±19
%
Vertical S letter amplitude variation
∆V
SC
Vertical S letter: max.
→min.
−33
−18
−3%
ratio
Vertical position center voltage
VCENTER
2.53
2.85
3.17
V
Vertical position variation width
∆V
SHIFT
Vertical S position: min.
→max.
0.6
0.8
1.0
V
Vertical EHT amplitude variation
∆V
EHT
Pin 25
= 0 V vertical EHT: typ.→±3
±11
±19
%
ratio
max., min.
EW parabola amplitude min. value VPARAmin
0.02
0.29
0.59
V[p-p]
EW parabola amplitude max. value VPARAmax
3.0
4.3
5.6
V[p-p]
EW parabola variation width
∆V
PARABOLA
EW parabola amplitude: min.
→max. 2.0
3.2
4.4
V[p-p]
Horizontal amplitude variation width
∆V
H
−WIDTH Horizontal amplitude: min.→max.
3.4
4.6
5.8
V
Horizontal amplitude min. DC value VH−WIDTH
1.5
1.9
2.3
V
Trapezoidal distortion correction
∆V
TRAPZ
Trapezoidal distortion correction:
±48
±72
±96
%
variation ratio
typ.
→max., min.
Corner correction variation ratio 1
∆V
CORNER
EW corner 1: min.
→max.
−40
−28
−16
%
Corner correction variation ratio 2
∆V
CORNER
EW corner 2: min.
→max.
−38
−26
−14
%
Horizontal EHT correction variable
∆V
H
−EHT Pin 25 = 1 V, horizontal EHT:
1.4
2.2
3.0
V
range
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data (continued)
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Note) *1: Under the condition that pin 52 is adjusted for the Drive I, II by inserting Y-signal, and R and B-output amplitude equal that
of G-output.


Similar Part No. - AN5308NK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN5301 ETC2-AN5301 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN5302 ETC2-AN5302 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
List of Unclassifed Man...
AN5302K ETC2-AN5302K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5303K PANASONIC-AN5303K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
More results

Similar Description - AN5308NK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1268N TOSHIBA-TA1268N Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSE 1CHIP COLOR TV IC
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NTE Electronics
NTE7149 NTE-NTE7149 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com