Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN5308NK Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN5308NK
Description  Single chip IC for color TV Built-in I2C bus interface
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN5308NK Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ICs for TV
1
AN5308NK
Single chip IC for color TV (Built-in I2C bus interface)
s Overview
The AN5308NK is an IC in which NTSC video,
chroma, RGB, sync. and deflection signal process-
ing circuits are integrated on a single chip incorpo-
rating I2C bus controller.
s Features
• Video block
: Built-in wide band width filter,
pre-shoot and over-shoot
amount adjustment, aperture
changeover possible and with
ABL pin
• Chroma block : Built-in ACC filter and with
color difference output pin
• RGB block
: With color difference signal
input pin and analog RGB
• Sync. block
: With sync. BLK in/output pin,
µ changeover and H center
adjustment possible
• Deflection block: Built-in screen distortion
correction circuit
s Applications
• TV
SDIP064-P-0750B
Unit: mm
64
33
132
1.778
19.05
0.25
+0.1
–0.05
0.5
+0.1
–0.05
0
° to 15°
(1.0)
(1.641)
Seating plane
58.4±0.3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn