Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL680-39QCL Datasheet(PDF) 10 Page - PhaseLink Corporation

Part # PL680-39QCL
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL680-39QCL Datasheet(HTML) 10 Page - PhaseLink Corporation

Back Button PL680-39QCL Datasheet HTML 2Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 3Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 4Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 5Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 6Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 7Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 8Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 9Page - PhaseLink Corporation PL680-39QCL Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 10
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL680-3X X C L R
Order Number
Marking
Marking
PL680-37OC
P680-37OC
TSSOP - Tube
PL680-37OC-R
P680-37OC
TSSOP - Tape & Reel
PL680-37OCL
P680-37OCL
TSSOP - Tube (GREEN Package)
PL680-37OCL-R
P680-37OCL
TSSOP - Tape & Reel (GREEN Package)
PL680-37QC
P680-37QC
QFN - Tube
PL680-37QC-R
P680-37QC
QFN - Tape & Reel
PL680-37QCL
P680-37QCL
QFN - Tube (GREEN Package)
PL680-37QCL-R
P680-37QCL
QFN - Tape & Reel (GREEN Package)
PL680-38OC
P680-38OC
TSSOP - Tube
PL680-38OC-R
P680-38OC
TSSOP - Tape & Reel
PL680-38OCL
P680-38OCL
TSSOP - Tube (GREEN Package)
PL680-38OCL-R
P680-38OCL
TSSOP - Tape & Reel (GREEN Package)
PL680-38QC
P680-38QC
QFN - Tube
PL680-38QC-R
P680-38QC
QFN - Tape & Reel
PL680-38QCL
P680-38QCL
QFN - Tube (GREEN Package)
PL680-38QCL-R
P680-38QCL
QFN - Tape & Reel (GREEN Package)
PL680-39OC
P680-39OC
TSSOP - Tube
PL680-39OC-R
P680-39OC
TSSOP - Tape & Reel
PL680-39OCL
P680-39OCL
TSSOP - Tube (GREEN Package)
PL680-39OCL-R
P680-39OCL
TSSOP - Tape & Reel (GREEN Package)
PL680-39QC
P680-39QC
QFN - Tube
PL680-39QC-R
P680-39QC
QFN - Tape & Reel
PL680-39QCL
P680-39QCL
QFN - Tube (GREEN Package)
PL680-39QCL-R
P680-39QCL
QFN - Tape & Reel (GREEN Package)
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP
Q= QFN 4x4
L= GREEN PACKAGE
NONE= REGULAR PACKAGE
R= TAPE & REEL
NONE= TUBE
PART NUMBER


Similar Part No. - PL680-39QCL

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PL68C ZSELEC-PL68C Datasheet
1Mb / 14P
   ZENER DIODES
logo
STMicroelectronics
PL68Z STMICROELECTRONICS-PL68Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL680-39QCL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com