Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL103-03XC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL103-03XC
Description  DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-03XC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL103-03XC Datasheet HTML 1Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 2Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 3Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 4Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 5Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 6Page - PhaseLink Corporation PLL103-03XC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary
PLL103-03
DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 08/28/00 Page 5
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
VSS
-0.5
7.0
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
ESD Voltage
2
KV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. Operating Conditions
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD3.3
3.135
3.465
V
Supply Voltage
VDD2.5
2.375
2.625
V
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
6
pF
3. Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input High Voltage
VIH
All Inputs except I2C
2.0
VDD+0.3
V
Input Low Voltage
VIL
All inputs except I2C
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
TBM
uA
Input Low Current
IIL
VIN = 0
TBM
uA
Output High
Voltage
VOH
IOL = -12mA,
VDD = 2.375V
1.7
V
Output Low
Voltage
VOL
IOL = 12mA,
VDD = 2.375V
0.6
V
Output High
Current
IOH
VDD = 2.375V, VOUT=1V
-18
-32
mA
Output Low
Current
IOL
VDD = 2.375V, VOUT=1.2V
26
35
mA
Note: TBM: To be measured


Similar Part No. - PLL103-03XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
   Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
   Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
   Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
   Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-03XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Winbond
W83196R-718B WINBOND-W83196R-718B Datasheet
242Kb / 13P
   VIA BUFFER CHIP (4 X DDR or 2 X DDR 3 X SDRAM)
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com