Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62460FP Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part No. M62460FP
Description  â€œSuper Single Chip” Surround Processor with Dolby Pro Logic Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62460FP Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M62460FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ELECTRIC
MITSUBISHI
(
/
)
20
M62460FP
“Super Single Chip” Surround Processor
with Dolby Pro Logic Decoder
MITSUBISHI SOUND PROCESSORS
C-62460-72E
The IC carries out auto mute function at the time of powerring up, delay time setting
change, and cancelling delay off mode, in order to suppress shock noise that the
digital delay may produce.
•At power -on
RESET TIME
Power up
Freed from
resettung
MUTE TIME
Freed from muting
Internal delay time
setting
•At delay time setting change
Delay signal before change
Delay signal after change
MUTE TIME
Instruction
to change
delay time
Internal delay
time change
Freed from muting
•At canceling delay off mode
MUTE TIME
Canceling delay
off mode
Mute time changes depending on set (or preset) delay time.
MUTE TIME
*Transient noise common with power up occurs.
DELAY TIME
15.4~49.2 ms
147.5 , 196.6 ms
123 ms
492 ms
AUTO MUTE FUNCTION
Freed from muting
18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn