Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62460FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62460FP
Description  “Super Single Chip” Surround Processor with Dolby Pro Logic Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62460FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62460FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ELECTRIC
MITSUBISHI
(
/
)
20
M62460FP
“Super Single Chip” Surround Processor
with Dolby Pro Logic Decoder
MITSUBISHI SOUND PROCESSORS
C-62460-72E
Outline
Outline 80P6N
0.8mm pich QFP
(20.0mmX14.0mmX2.8mm)
Dolby and the double-D symbol are trademarks of Dolby Laboratories
Licensing Corporation.San Francisco,CA94103-4813,USA.
This device available only to licensees of Dolby Lab.
Licensing and application information may be obtained from Dolby Lab.
System Configuration
Dolby Pro Logic
Echo (KARAOKE)
Digital Space Surround
BY-PASS
DISCO,Hall,LIVE mode and 5 delay time positions
Short echo:td=147.5msec,Long echo:td=196.6msec
Dolby Pro Logic Surround System which includes all of required
functions.
Input signal through mode
Features (Mode)
Input
Auto-
Balance
Control
Noise
Sequencer
Adaptive
Matrix
S
7kHz
LPF
Digital Delay
Modified
Dolby
B-NR
Center/
operating
mode
control
L
R
C
S
Center
Trim
Surround
Trim
Master
Volume
Control
L
R
C
S
Lch
Rch
CENTER
SURROUND
MIC IN
Lch IN
Rch IN
LPF-IN
LPF-OUT
NR-IN
DATA SCK REQ
MCU INTERFACE
L-R
2
L+R
2
DESCRIPTION
The M62460FP is a“super”single chip LSI supporting the Dolby Pro
Logic surround.This LSI contains all sorts of functions including delay
circuit function.In addition,it has Digital Space Surround functions
(Disco,Hall,Live mode etc.) and echo function for karaoke.
Note:Use of this LSI requires the license of Dolby Laboratories
Licensing Corporation
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn