Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62460FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. M62460FP
Description  “Super Single Chip” Surround Processor with Dolby Pro Logic Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62460FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62460FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRIC
MITSUBISHI
(
/
)
20
M62460FP
“Super Single Chip” Surround Processor
with Dolby Pro Logic Decoder
MITSUBISHI SOUND PROCESSORS
C-62460-72E
5
15
16
17
DATA
SCK
REQ
serial data
"DATA" input
input via serial data
from MCU.
14
TEST CNT
TEST
control
Fixed to GND
18
19
20
LO1
LO2
LO3
18
19
20
21
22
XIN
XOUT
Osillator input
Osillator output
connect a 4 - MHz
ceramic resonator
26
VREFD
reference output
1/2 Vcc output.
Connect a filter
capacitor.
12
MIC IN
MIC input
4V
Microphone input
with ECHO MODE
12
buffer
buffer
buffer
21
22
26
2.5V
0
0
14
16
17
15
serial data
"SCK" input
serial data
"REQ" input
Open collector output
pin(NPN Tr)
port output
No.
Symbol
Funtion
Equivalent circuit
Voltage
Discription of pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn