Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62460FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62460FP
Description  â€œSuper Single Chip” Surround Processor with Dolby Pro Logic Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62460FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62460FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62460FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRIC
MITSUBISHI
(
/
)
20
M62460FP
“Super Single Chip” Surround Processor
with Dolby Pro Logic Decoder
MITSUBISHI SOUND PROCESSORS
C-62460-72E
4
7.Discription of pin
2
3
LOUT
ROUT
Lch output
Rch output
4V
Direct output R-/L- channel
when the operation mode
is BY-PASS.
When the mode is
4channel,they output
Dolby prologic
R-/L-channel signals.
2
3
4
5
CT
COUT
Cch output
Cch output
4V
COUT is output from
C.Trimmer.
4
5
6
ST
Sch output
4V
6
7
7
SOUT
Sch output
9
10
SMRO
SMRI
amplifier
output
4V
This is a amplifier to
control mixed level
of surround output
with external resistance.
9
10
amplifier
input]
No output any signals
when the operation mode
is centermode is OFF or
set to PHANTOM
This pin outputs surround
signals.Output is selected
from BNR out.Dout No
output signal when the
operation mode is
3 STEREO/MUTE.
SOUT is output from
S.Trimmer.
No.
Symbol
Funtion
Equivalent circuit
Voltage
Discription of pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn