Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL102-108XC Datasheet(PDF) 10 Page - PhaseLink Corporation

Part # PLL102-108XC
Description  Programmable DDR Zero Delay Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-108XC Datasheet(HTML) 10 Page - PhaseLink Corporation

Back Button PLL102-108XC Datasheet HTML 2Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 3Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 4Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 5Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 6Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 7Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 8Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 9Page - PhaseLink Corporation PLL102-108XC Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PLL102-108
Programmable DDR Zero Delay Clock Driver
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/29/02 Page 10
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL102-108 X C
PART NUMBER
TEMPERATURATURE
C=COMMERCIAL
M=MILITARY
I=INDUSTRAL
PACKAGE TYPE
X=SSOP
0.008 - 0.016
(0.203 - 0.406)
0.620 - 0.630
(15.75 - 16.00)
(0.254 - 0.406)
45 0
0.010 - 0.016
0.050
(1.27)
MIN
30-60
0.015
(0.381)
0.088 - 0.096
(2.235 - 2.438)
0.097 - 0.104
(2.464 - 2.642)
0.025
0.635
0.400 - 0.410
10.160 - 10.414
0.292 - 0.299
7.417 - 7.595
0.008 - 0.0135
0.203 - 0.343
48PIN SSOP


Similar Part No. - PLL102-108XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-10 PLL-PLL102-10 Datasheet
180Kb / 6P
   Low Skew Output Buffer
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XC PLL-PLL102-109XC Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XI PLL-PLL102-109XI Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109XM PLL-PLL102-109XM Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
More results

Similar Description - PLL102-108XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
   Zero Delay SDR/DDR Clock Buffer
logo
Renesas Technology Corp
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Integrated Device Techn...
IDT5T2010 IDT-IDT5T2010 Datasheet
157Kb / 23P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK
IDT5T2010 IDT-IDT5T2010_2 Datasheet
207Kb / 24P
   2.5V ZERO DELAY PLL CLOCK DRIVER TERACLOCK?
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
   DIMM DDR ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com