Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1183 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1183
Description  Single-Ended or Fully Differential Signal Input Configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1183 Datasheet HTML 1Page - Maxim Integrated Products MAX1183 Datasheet HTML 2Page - Maxim Integrated Products MAX1183 Datasheet HTML 3Page - Maxim Integrated Products MAX1183 Datasheet HTML 4Page - Maxim Integrated Products MAX1183 Datasheet HTML 5Page - Maxim Integrated Products MAX1183 Datasheet HTML 6Page - Maxim Integrated Products MAX1183 Datasheet HTML 7Page - Maxim Integrated Products MAX1183 Datasheet HTML 8Page - Maxim Integrated Products MAX1183 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Reference Voltage
The MAX1181 requires an input voltage reference at its
REFIN pin to set the full-scale analog signal voltage
input. The ADC has a stable on-chip voltage reference of
2.048V that can be accessed at REFOUT. The EV kit was
designed to use the on-chip voltage reference by con-
necting REFIN to REFOUT through resistor R20. The user
can externally adjust the reference level, and hence the
full-scale range, by installing a resistor at the R19 pad.
The adjusted reference level can be calculated by
applying the following equation:
where R19 is the value of the resistor installed, R20 is a
10k
Ω resistor, and VREFOUT is 2.048V. Alternatively, the
user can apply a stable, low noise, external voltage ref-
erence directly at the REFIN pad to set the full scale.
Output Signal
The MAX1181 features two 10-bit, parallel, CMOS-com-
patible, digital outputs channels (Channels A and B).
The digital output coding can be chosen to be either in
two’s complement format or straight offset binary format
by configuring jumper JU5. Refer to Table 3 for jumper
configuration. Two drivers buffer the ADC’s Channel A
and B digital outputs. The buffer is able to drive large
capacitive loads, which may be present at the logic
analyzer connection, without compromising the digital
output signal. The outputs of the buffers are connected
to a 50-pin header (J1) located on the right side of the
EV kit, where the user can connect a logic analyzer or
data-acquisition system. Refer to Table 4 for channel
and bit location on header J1.
V
R
RR
V
REFIN
REFOUT
=
+


×
19
19
20
MAX1181 Evaluation Kit
_______________________________________________________________________________________
5
JUMPER
SHUNT STATUS
PIN CONNECTION
EV KIT OPERATION
1 and 2
T/B connected to VDDUT
Digital output in two's complement
JU5
2 and 3
T/B connected to DGND
Digital output in straight offset binary
Table 3. Output Format
CHANNEL
A/B
STATE
BIT D0
BIT D1
BIT D2
BIT D3
BIT D4
BIT D5
BIT D6
BIT D7
BIT D8
BIT D9
NONMULTIPLEXED OUTPUT OPERATION
A
CLK
N/A
J1-19
A0
J1-17
A1
J1-15
A2
J1-13
A3
J1-11
A4
J1-9
A5
J1-7
A6
J1-5
A7
J1-3
A8
J1-1
A9
B
CLK
N/A
J1-23
B0
J1-25
B1
J1-27
B2
J1-29
B3
J1-31
B4
J1-33
B5
J1-35
B6
J1-37
B7
J1-39
B8
J1-41
B9
MULTIPLEXED OUTPUT OPERATION*
A
CLK
J1-23
1
J1-19
A0
J1-17
A1
J1-15
A2
J1-13
A3
J1-11
A4
J1-9
A5
J1-7
A6
J1-5
A7
J1-3
A8
J1-1
A9
B
CLK
J1-23
0
J1-19
A0
J1-17
A1
J1-15
A2
J1-13
A3
J1-11
A4
J1-9
A5
J1-7
A6
J1-5
A7
J1-3
A8
J1-1
A9
Table 4. Output Bit Location (Nonmultiplexed/Multiplexed Output Operation)
*For multiplexed output operation, Channel A and Channel B data is captured with a single 10-bit bus. Leave header designators
J25 (B1) through J41 (B9) open.


Similar Part No. - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
Texas Instruments
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
Maxim Integrated Products
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
Analog Devices
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
Unisonic Technologies
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
STMicroelectronics
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz