Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1183 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1183
Description  Single-Ended or Fully Differential Signal Input Configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1183 Datasheet HTML 1Page - Maxim Integrated Products MAX1183 Datasheet HTML 2Page - Maxim Integrated Products MAX1183 Datasheet HTML 3Page - Maxim Integrated Products MAX1183 Datasheet HTML 4Page - Maxim Integrated Products MAX1183 Datasheet HTML 5Page - Maxim Integrated Products MAX1183 Datasheet HTML 6Page - Maxim Integrated Products MAX1183 Datasheet HTML 7Page - Maxim Integrated Products MAX1183 Datasheet HTML 8Page - Maxim Integrated Products MAX1183 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Input Signal
The MAX1181 accepts differential or single-ended ana-
log input signals applied to Channels A or B. The EV kit
requires only single-ended analog input signals, with
an amplitude of less than 2VP-P provided by the user.
During single-ended operation the signal is applied
directly to the ADC, while in differential mode, an on-
board transformer takes the single-ended analog input
and generates a differential analog signal at the ADCs
differential input pins. To evaluate single-ended signal
input, connect the input signal to the S/E_INA (Channel
A) or S/E_INB (Channel B) SMA connectors. To evalu-
ate differential signals, connect the input signal to the
D/E_INA (Channel A) or D/E_INB (Channel B) SMA con-
nectors. For single-ended or differential operation, see
Table 1 for jumper configuration.
Note: When a differential signal is applied to the ADC,
the positive and negative input pins of the ADC each
receive half of the input signal supplied at SMA
connector D/E_INA(D/E_INB) centered at the common
mode voltage of VADUT/2.
Output Enable/Power-Down/Sleep Modes
The MAX1181 EV kit also features jumpers that allow
the user to enable or disable certain functions or the
entire data converter. Jumper JU6 controls the Sleep
mode, jumper JU7 controls a full power-down mode,
and jumper JU8 controls the outputs enable/disable
mode. Operating the ADC in these modes supports the
reduction of the IC’s overall power consumption. Refer
to Table 2 to configure the board and operate the ADC
in these modes.
MAX1181 Evaluation Kit
4
_______________________________________________________________________________________
JUMPER
SHUNT
STATUS
PIN CONNECTION
EV KIT OPERATION
1 and 2
INA+ pin connected to SMA connector S/E_INA
and INA- pin connected to COM pin
Analog input signal is applied to the ADC’s
Channel A as a single-ended input
JU1, JU2
2 and 3
INA+ and INA- pins connected to transformer
T1
Analog input signal is applied to Channel A as
a differential input
1 and 2
INB+ pin connected to SMA connector S/E_INB
and INB- pin connected to COM pin
Analog input signal is applied to the ADC’s
Channel B as a single-ended input
JU3, JU4
2 and 3
INB+ and INB- pins connected to transformer
T2
Analog input signal is applied to Channel B as
a differential input
Table 1. Single-Ended/Differential Operation Jumper Configuration
JUMPER
SHUNT
STATUS
PIN CONNECTION
EV KIT OPERATION
1 and 2
SLEEP connected to VDDUT
MAX1181 is disabled except for the internal
reference
JU6
2 and 3
SLEEP connected to DGND
MAX1181 in normal operation mode
1 and 2
PD connected to VDDUT
MAX1181 is powered down
JU7
2 and 3
PD connected to DGND
MAX1181 in normal operation mode
1 and 2
OE connected to VDDUT
Digital outputs disabled
JU8
2 and 3
OE connected to DGND
Digital output enabled
Table 2. Output Enable/Power-Down/Sleep Mode Configuration


Similar Part No. - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com