Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1183 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1183
Description  Single-Ended or Fully Differential Signal Input Configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1183 Datasheet HTML 1Page - Maxim Integrated Products MAX1183 Datasheet HTML 2Page - Maxim Integrated Products MAX1183 Datasheet HTML 3Page - Maxim Integrated Products MAX1183 Datasheet HTML 4Page - Maxim Integrated Products MAX1183 Datasheet HTML 5Page - Maxim Integrated Products MAX1183 Datasheet HTML 6Page - Maxim Integrated Products MAX1183 Datasheet HTML 7Page - Maxim Integrated Products MAX1183 Datasheet HTML 8Page - Maxim Integrated Products MAX1183 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Note: Both input channels may be configured iden-
tically or differently.
5) Connect the logic analyzer to the square pin header
(J1). Channel A (Channel B) data is captured on J1-
1 (J1-23) through J1-19 (J1-41). If evaluating the
multiplexed ADC (MAX1185 or MAX1186), the out-
put data for Channel A and Channel B is captured
on a single 10-bit bus (J1-1 through J1-19) and the
A/B indicator signal can be monitored on J1-23 (see
Table 4 for bit locations and J1 header designators).
The system clock for both multiplexed and nonmulti-
plexed output operation is available on pin J1-43.
6) Connect a 3.0V, 300mA power supply to VA and
VADUT. Connect the ground terminal of this supply
to AGND.
7) Connect a 2.0V, 100mA power supply to VD and
VDDUT. Connect the ground terminal of this supply
to DGND.
8) Turn on both power supplies.
9) With a voltmeter, verify that 1.20V is measured
across test points TP1 and TP2. If the voltage is not
1.20V, adjust potentiometer R34 until 1.20V is
obtained.
10) Enable the function generators. Set the clock func-
tion generator for an output amplitude of 2.4VP-P
and frequency (fCLK)
≤ 80MHz. Set the analog input
signal generators for an output amplitude
≤ 2VP-P
and to the desired frequency. The two function gen-
erators should be phase-locked to each other.
11) Set the logic analyzer to capture on the clock’s rising
edge. In multiplexed output operation mode capture
Channel A data on the falling edge and Channel B
data on the rising edge of the logic analyzer clock.
12) Enable the logic analyzer.
13) Collect data using the logic analyzer.
Detailed Description
The MAX1181 EV kit is a fully-assembled and tested cir-
cuit board that contains all the components necessary to
evaluate the performance of the MAX1180, MAX1181,
MAX1182, MAX1183, MAX1184, MAX1185, MAX1186, or
MAX1190, dual 10-bit ADCs (Channel A and Channel B).
The MAX1180–MAX1184/MAX1190 dual outputs
(Channel A and Channel B) are nonmultiplexed and the
data is captured with two separate 10-bit buses. The
MAX1185 and MAX1186 dual outputs (Channel A and
Channel B) are multiplexed and data is captured with a
single 10-bit bus. The EV kit comes with the MAX1181
which can be evaluated with a maximum clock frequency
(fCLK) of 80MHz. The MAX1181 accepts differential or
single-ended analog input signals. With the proper board
configuration (as specified below), the ADC can be eval-
uated with both types of signals by supplying only one
single-ended analog signal to the EV kit.
The EV kit was designed as a four-layer PC board to
optimize the performance of the MAX1181. Separate
analog and digital power planes minimize noise cou-
pling between analog and digital signals. For simple
operation, the EV kit is specified to have 3.0V and 2.0V
DC power supplies applied to analog and digital power
planes, respectively. However, the digital plane can be
operated down to 1.7V without compromising the
board’s performance. The logic analyzer’s threshold
must be adjusted accordingly.
Access to Channel A and Channel B outputs is provid-
ed through connector J1. The 50-pin connector inter-
faces directly with a user-provided logic analyzer or
data acquisition system.
Power Supplies
The MAX1181 EV kit requires separate analog and digi-
tal power supplies for best performance. A 3.0V power
supply is used to power the analog portion of the
MAX1181 and the clock signal circuit. The MAX1181
analog supply voltage has a range of 2.7V to 3.6V, how-
ever, 3.0V must be supplied to the EV kit (VADUT, VA) to
meet the minimum input voltage supply to the clock
shaping circuit. A separate 2.0V power supply is used to
power the digital portion (VDDUT, VD) of the MAX1181
and the buffer/driver. It will operate with a voltage supply
as low as 1.7V and as high as 3.6V. Enhanced dynamic
performance is normally achieved when the digital sup-
ply voltage is lower than the analog supply voltage.
Clock
An on-board clock-shaping circuit generates a clock
signal from an AC sine-wave signal applied to the
CLOCK SMA connector. The input signal should not
exceed a magnitude of 2.6VP-P. The frequency of the
signal should not exceed 80MHz for the MAX1181. The
frequency of the sinusoidal input signal determines the
sampling frequency (fCLK) of the ADC. A differential line
receiver (U2) processes the input signal to generate the
CMOS clock signal. The signal’s duty cycle can be
adjusted with potentiometer R34. A clock signal with a
50% duty cycle (recommended) can be achieved by
adjusting R34 until 1.20V is produced across test points
TP1 and TP2, when the analog voltage supply is set to
3.0V (40% of the analog power supply). The clock signal
is available at the J1-J43 pin (CK), which can be used to
synchronize the output signal to the logic analyzer.
MAX1181 Evaluation Kit
_______________________________________________________________________________________
3


Similar Part No. - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Analog Devices
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com