Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1183 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1183
Description  Single-Ended or Fully Differential Signal Input Configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1183 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1183 Datasheet HTML 1Page - Maxim Integrated Products MAX1183 Datasheet HTML 2Page - Maxim Integrated Products MAX1183 Datasheet HTML 3Page - Maxim Integrated Products MAX1183 Datasheet HTML 4Page - Maxim Integrated Products MAX1183 Datasheet HTML 5Page - Maxim Integrated Products MAX1183 Datasheet HTML 6Page - Maxim Integrated Products MAX1183 Datasheet HTML 7Page - Maxim Integrated Products MAX1183 Datasheet HTML 8Page - Maxim Integrated Products MAX1183 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX1181 Evaluation kit (EV Kit) is a fully assembled
and tested circuit board that contains all the components
necessary to evaluate the performance of the nonmulti-
plexed MAX1180–MAX1184 and MAX1190 or multiplexed
MAX1185 and MAX1186, dual 10-bit analog-to-digital
converters (ADC). The MAX1180–MAX1186 and
MAX1190 accept differential or single-ended analog
inputs and the EV kit allows for evaluation of each ADC
with both types of signals from one single-ended analog
signal. The digital output produced by the ADC can easily
be sampled with a user-provided high-speed logic ana-
lyzer or data-acquisition system. The EV kit operates from
3.0V analog and 2.0V digital power supplies. It includes
circuitry that generates a clock signal from an AC signal
provided by the user. The EV kit comes with the MAX1181
installed. Order free samples of the pin-compatible
MAX1180, MAX1182, MAX1183, MAX1184, MAX1185,
MAX1186, or MAX1190 to evaluate these parts.
Features
o Up to 80Msps Sampling Rate (MAX1181)
o Low Voltage and Power Operation
o Single-Ended or Fully Differential Signal Input
Configuration
o Clock-Shaping Circuit
o Fully Assembled and Tested
o Supports Both Nonmultiplexed
(MAX1180–MAX1184/MAX1190)
and Multiplexed (MAX1185/MAX1186)
Output Operation
MAX1181 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-2054; Rev 2; 7/02
Component List
Selector Guide
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX1181EVKIT
0
°C to +70°C
48 TQFP-EP
PART
SPEED (Msps)
MAX1190ECM
120
MAX1180ECM
105
MAX1181ECM
80
MAX1182ECM
65
MAX1183ECM
40
MAX1184ECM
20
MAX1185ECM
20, multiplexed
MAX1186ECM
40, multiplexed
DESIGNATION
QTY
DESCRIPTION
C1–C5, C7, C9,
C11, C16–C19,
C21, C23, C27,
C31, C33, C34,
C36–C39,
C42–C49, C51, C52
32
0.1µF, 16V, X7R, ±10% ceramic
capacitors (0603)
Taiyo Yuden EMK107BJ104KA or
TDK C1608X7R1E104KT
C24, C25,
C28, C29
4
22pF, 50V, ±5% ceramic
capacitors (0603)
TDK C1608CCOG1H220JT
C8, C10, C20,
C22, C26, C32,
C35, C40, C41
9
2.2µF, 10V tantalum capacitors (A)
AVX TAJA225K010 or Kemet
T494A225K010AS
C30
1
1000pF, 50V ±10% ceramic
capacitor (0603)
TDK C1608X7R1H102KT
DESIGNATION
QTY
DESCRIPTION
C12–C15
4
10µF, 10V, tantalum capacitors (B)
AVX TAJB106M010 or Kemet
T494B106K010AS
C6, C50
0
Not installed (0603)
R1, R6, R19
0
Not installed (0603)
R31–R33
0
Not installed (0805)
R7
1
0
Ω ±5% resistor (0603)
R38
1
3.9
Ω ±5% resistor (0805)
R2–R5, R35,
R51–R71
26
49.9
Ω ±1% resistors (0603)
R15–R18
4
24.9
Ω ±1% resistors (0603)
R8, R21–R30,
R41–R50
21
100
Ω ±1% resistors (0603)
Component List continued on next page.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results

Similar Description - MAX1183

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
Texas Instruments
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
Maxim Integrated Products
Maxim Integrated Produc...
MAX1427EVKIT MAXIM-MAX1427EVKIT Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
Analog Devices
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
   Fully differential and single-ended modes
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
   Fully differential and single-ended modes
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
Unisonic Technologies
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
STMicroelectronics
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz