Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83L34 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83L34 Datasheet HTML 7Page - Exar Corporation XRT83L34 Datasheet HTML 8Page - Exar Corporation XRT83L34 Datasheet HTML 9Page - Exar Corporation XRT83L34 Datasheet HTML 10Page - Exar Corporation XRT83L34 Datasheet HTML 11Page - Exar Corporation XRT83L34 Datasheet HTML 12Page - Exar Corporation XRT83L34 Datasheet HTML 13Page - Exar Corporation XRT83L34 Datasheet HTML 14Page - Exar Corporation XRT83L34 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.3.4
PRELIMINARY
8
TCLK_0
TCLK_1
TCLK_2
TCLK_3
1
128
103
102
I
Transmitter Clock Input for Channel _0 - Host mode and Hardware mode
E1 rate at 2.048MHz ± 50ppm. T1 rate at 1.544MHz ± 32ppm.
During normal operation TCLK_0 is used for sampling input data at TPOS_0/
TDATA_0 and TNEG_0/CODES_0 while MCLK is used as the timing refer-
ence for the transmit pulse shaping circuit.
Transmitter Clock Input for Channel _1
Transmitter Clock Input for Channel _2
Transmitter Clock Input for Channel _3
NOTE: Internally pulled “Low” with a 50k
Ω resistor for all channels.
TAOS_0
TAOS_1
TAOS_2
TAOS_3
WR_R/W
RD_DS
ALE_AS
CS
69
70
71
72
69
70
71
72
I
Transmit All Ones for Channel _0 - Hardware mode
Setting this pin "High" enables the transmission of an “All Ones” Pattern from
Channel _0. A "Low" level stops the transmission of the “All Ones” Pattern.
Transmit All Ones for Channel _1
Transmit All Ones for Channel _2
Transmit All Ones for Channel _3
Host mode: these pins act as various microprocessor functions. See “Micro-
processor Interface” on page 9.
NOTE: These pins are internally pulled “Low” with a 50k
Ω resistor.
TXON_0
TXON_1
TXON_2
TXON_3
122
123
124
125
I
Transmitter Turn On for Channel _0
Hardware mode
Setting this pin "High" turns on the Transmit Section of Channel _0 and has no
control of the Channel_0 receiver. When TXON_0 = “0” then TTIP_0 and
TRING_0 driver outputs will be tri-stated.
NOTE: In Hardware mode only, all receiver channels will be turned on upon
power-up and there is no provision to power them off. The receive
channels can only be independently powered on or off in Host mode.
In Host mode
The TXON_n bits in the channel control registers turn each channel Transmit
section ON or OFF. However, control of the on/off function can be transferred
to the Hardware pins by setting the TXONCTL bit (bit 6) to “1” in the register at
address hex 0x42.
Transmitter Turn On for Channel _1
Transmitter Turn On for Channel _2
Transmitter Turn On for Channel _3
NOTE: Internally pulled "Low" with a 50k
Ω resistor for all channels.
SIGNAL NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34IV EXAR-XRT83L34IV Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com