Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMT5370622 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # XMT5370622
Description  622 Mb/s Logic Interface Laser Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370622 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  XMT5370622 Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5370622 Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5370622 Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5370622 Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5370622 Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370622 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ordering Information
XMT5370X622XX
Connector:
FP = FC/PC Polish
ST = ST®
SC = SC
Temperature Option:
A = -40°C to +85°C
B =
0°C to +70°C
Model Name:
XMT5370
Allowable part numbers:
XMT5370A622-FP
XMT5370A622-ST
XMT5370A622-SC
XMT5370B622-FP
XMT5370B622-ST
XMT5370B622-SC
Handling Precautions
1.
Normal handling precautions for electrostatic sensitive devices
should be taken.
2.
Semiconductor lasers can be damaged by overloading or by
current surges. Appropriate transient protection should be taken.
ST® is a Registered Trademark of AT&T.
Class 1 Laser Product: This product conforms to the
applicable requirements of 21 CFR 1040 at the date of
manufacture
Date of Manufacture:
Agilent Technologies Inc., Whitehouse Road, Ipswich, England
www.semiconductor.agilent.com
Data subject to change.
Copyright © 2000 Agilent Technologies, Inc.
5966-0461E (11/99)


Similar Part No. - XMT5370622

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370-622 HP-XMT5370-622 Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-FP HP-XMT5370A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370A-155-SC HP-XMT5370A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5370622

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-622 HP-XMT5370-622 Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com