Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL56009XC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL56009XC
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL56009XC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL56009XC Datasheet HTML 1Page - PhaseLink Corporation PL56009XC Datasheet HTML 2Page - PhaseLink Corporation PL56009XC Datasheet HTML 3Page - PhaseLink Corporation PL56009XC Datasheet HTML 4Page - PhaseLink Corporation PL56009XC Datasheet HTML 5Page - PhaseLink Corporation PL56009XC Datasheet HTML 6Page - PhaseLink Corporation PL56009XC Datasheet HTML 7Page - PhaseLink Corporation PL56009XC Datasheet HTML 8Page - PhaseLink Corporation PL56009XC Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Analog Frequency Multiplier
VCXO Family of Products
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991 www.phaselink.com Rev. 02/10/05 Page 1
PRODUCT DESCRIPTION
PhaseLink’s Analog Frequency MultiplierTM (AFMs)
are the industry’s first ‘Balanced Oscillator’ utilizing
analog multiplication of the fundamental frequency
(at double or quadruple frequency), combined with
an attenuation of the fundamental of the reference
crystal, without the use of a phase locked loop, in
CMOS technology.
PhaseLink’s patent pending PL56X family of AFM
products can achieve up to 800 MHz output
frequency with practically no jitter or phase noise
deterioration. In addition, the low frequency input
crystal requirement makes the AFMs the most
affordable high performance timing source in the
market.
PL560-XX family of products utilize a low-power
CMOS technology and are housed in a 16-pin
(T)SSOP, and 16-pin 3x3 QFN.
FEATURES
• Non Phase Locked Loop frequency multiplication
• Input frequency from 30-200 MHz
• Output frequency from 60-800-MHz
• Low Phase noise and jitter (equivalent to fundamental
crystal at the output frequency)
• Unbeatably low jitter
o RMS phase jitter < 0.25ps (12kHz-20MHz)
o RMS period jitter < 2.5 ps
• Low Phase Noise
o -142 dBc/Hz @100kHz Offset from 155.52MHz
o -150 dBc/Hz @10MHz Offset from 155.52MHz
• High linearity pull range (typ. 5%)
• +/- 120 PPM pullability VCXO
• Low input frequency eliminates the need for
expensive crystals
• Differential output levels (PECL, LVDS), or single-
ended CMOS
• Single 2.5V or 3.3V +/- 10% power supply
• Optional industrial temperature range (-40°C to
+85
°C)
• Available in 16-pin (T) SSOP, and 3x3 QFN
Figure 1: 2x AFM Phase Noise at 311.04MHz


Similar Part No. - PL56009XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08OC PLL-PL560-08OC Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCL PLL-PL560-08OCL Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCLR PLL-PL560-08OCLR Datasheet
887Kb / 15P
   Analog Frequency Multiplier
More results

Similar Description - PL56009XC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com