Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P580-69OC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # P580-69OC
Description  320-640MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P580-69OC Datasheet(HTML) 3 Page - PhaseLink Corporation

  P580-69OC Datasheet HTML 1Page - PhaseLink Corporation P580-69OC Datasheet HTML 2Page - PhaseLink Corporation P580-69OC Datasheet HTML 3Page - PhaseLink Corporation P580-69OC Datasheet HTML 4Page - PhaseLink Corporation P580-69OC Datasheet HTML 5Page - PhaseLink Corporation P580-69OC Datasheet HTML 6Page - PhaseLink Corporation P580-69OC Datasheet HTML 7Page - PhaseLink Corporation P580-69OC Datasheet HTML 8Page - PhaseLink Corporation P580-69OC Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Preliminary)
PL580-68/69
320-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 3
FREQUENCY SELECTION TABLE
SEL2
SEL1
SEL0
Selected Multiplier/Output Frequency
0
0
0
VCO Max*
0
0
1
VCO Min*
1
1
1
Fin x 16
All Other Combinations
Reserved
All SEL pads have internal pull-ups (default value is ‘1’). Bond to GND to set to 0.
* Special Test Modes to help selecting the inductor value for the target output frequency.
PERFORMANCE TUNING & INDUCTOR VALUE SELECTION
Please refer to PhaseLink’s ‘PhasorV Tuning Assistance’ software to automatically calculate the optimum inductor
values for your application. In addition, the chart below could be used as a reference for quick inductor value
selection. Please note that the inductor values mentioned in the table below, or when using ‘PhasorV Tuning
Assistance’ are derived based on the parasitic values of PhaseLink’s evaluation board. For performance
enhancement of your custom board design, please follow the following instruction:
Use the special test modes “VCO Max” and “VCO Min” to determine the optimum inductor value. “VCO Max”
represents the high end of the VCO range and “VCO Min” represents the low end of the VCO range. The output
frequency in the “VCO Max” and “VCO Min” test modes is VCO/16. This means that the output frequencies are
around the crystal frequency that will be used. The optimum inductor value is where the target crystal frequency
is closest to the middle between the “VCO Max” and “VCO Min” output frequencies. In this case the VCO will lock
in the middle of its tuning range with maximum margin on either side.


Similar Part No. - P580-69OC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580-001 TRIPPLITE-P580-001 Datasheet
156Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 1-ft.
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003 TRIPPLITE-P580-003 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P580-003-8K6 TRIPPLITE-P580-003-8K6 Datasheet
50Kb / 3P
   DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, Black, 3 ft. (0.9 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
More results

Similar Description - P580-69OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com