Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS400-S2 Datasheet(PDF) 9 Page - Texas Instruments

Part # TSS400-S2
Description  uPOWER PROGRAMMABLE HIGH-PRECISION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSS400-S2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSS400-S2 Datasheet HTML 5Page - Texas Instruments TSS400-S2 Datasheet HTML 6Page - Texas Instruments TSS400-S2 Datasheet HTML 7Page - Texas Instruments TSS400-S2 Datasheet HTML 8Page - Texas Instruments TSS400-S2 Datasheet HTML 9Page - Texas Instruments TSS400-S2 Datasheet HTML 10Page - Texas Instruments TSS400-S2 Datasheet HTML 11Page - Texas Instruments TSS400-S2 Datasheet HTML 12Page - Texas Instruments TSS400-S2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TSS400-S2
µPOWER PROGRAMMABLE HIGH-PRECISION
SENSOR SIGNAL PROCESSOR
SLMS002 – D4101, OCTOBER 1993
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
measurement range and conversion formulas (continued)
If the input voltage is below the lower limit (VImin), the value 00016 is returned. If the input voltage is above the
upper limit (VImax), the value FFF16 is returned. The NEG status bit is set in both cases. The ZERO status bit
is set if 00016 is returned.
battery check
Since the TSS400-S2 is ideal for battery applications, an internal supply voltage check is available. This
operation is executed by the instructions ADJBATT and CHKBATT. ADJBATT measures the internal reference
voltage and puts the results in the FLAC register. By setting the supply voltage at a minimum acceptable level
and executing the ADJBATT instruction, a representative value is placed in the FLAC register. Saving this
number in a storage register or EEPROM location enables it to be recalled for use by the CHKBATT instruction
when the current supply voltage needs to be checked against the preset acceptable minimum. To perform these
operations, an internal stable reference is connected to the input of the ADC and a measurement is made. Due
to the ratiometric nature of the conversion, the measured value is an indication of the TSS400-S2 supply voltage.
The ADJBATT instruction performs this operation and stores the result in the FLAC register. The CHKBATT
instruction performs the same operation but compares the resulting measurement to the number in the FLAC
register and sets the positive ( POS ) and negative ( NEG ) status bits according to the result.
programmable current source
A programmable current source ratiometric to SVDD is available for supplying a fixed current to the analog
sensors. When turned on, the current source sends a constant current out of the addressed analog input ( An ).
The voltage generated by the external sensor is measured with the same An input. The voltage used for A / D
conversions and the reference voltage ( Vref) used to set the current of the current source are both proportional
to SVDD and have a fixed ratio to one another. This ensures optimum tracking. The current source is activated
by digit latch DL13. When DL13 is set to 1 and SVDD is on, the current source is on. When DL13 is set to 0, the
current source is off. Figure 3 shows a diagram of the programmable current source.
The current I is programmed by an external resistor Rext, which is connected between SVDD and Ri. This current
is given by the following equation:
I
An +
V
Rext
Rext
VRext is approximately 0.24 × SVDD
The programmable current range that the current source can supply to the ADC input is:
0.15 mA to 2.4 mA
× (SVDD/V)
V
I +
I
An
R
I
with R
I +
sensor resistance
V
I +
V
Rext
R
I
Rext


Similar Part No. - TSS400-S2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSS400-S1 TI-TSS400-S1 Datasheet
328Kb / 27P
[Old version datasheet]   uPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR
More results

Similar Description - TSS400-S2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSS400-S1 TI-TSS400-S1 Datasheet
328Kb / 27P
[Old version datasheet]   uPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
IK Semicon Co., Ltd
TL431Z IKSEMICON-TL431Z_16 Datasheet
494Kb / 13P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI1-TL1431_16 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI-TL1431_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431A UTC-TL431A Datasheet
158Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI-TL1431_08 Datasheet
603Kb / 26P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com