Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLL601-15 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part No. PLL601-15
Description  Low Phase Noise PLL Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLL [PhaseLink Corporation]
Homepage  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-15 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL601-15 Datasheet HTML 1Page - PhaseLink Corporation PLL601-15 Datasheet HTML 2Page - PhaseLink Corporation PLL601-15 Datasheet HTML 3Page - PhaseLink Corporation PLL601-15 Datasheet HTML 4Page - PhaseLink Corporation PLL601-15 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
PLL601-15
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/08/02 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
CLK
5
O
Clock output from VCO. Equals the input frequency times multiplier.
VDD
7,6
P
3.3V Power Supply.
XIN
1
I
Crystal input to be connected to 20-30MHz fundamental parallel mode crys-
tal (CL=15pF). On chip load capacitors: No external capacitor required.
XOUT
8
O
Crystal Connection.
GND
2, 3,4
P
Ground.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PLL601-01Low Phase Noise PLL Clock Multiplier 1 2 3 4 5 PhaseLink Corporation
PLL601-02Low Phase Noise PLL Clock Multiplier 1 2 3 4 PhaseLink Corporation
PLL601-03Low Phase Noise PLL Clock Multiplier 1 2 3 4 5 PhaseLink Corporation
ICS601-01Low Phase Noise Clock Multiplier 1 2 3 4 5 Integrated Circuit Systems
VT832013.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer 1 2 3 4 Vaishali Semiconductor
VT832053.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer 1 2 3 4 Vaishali Semiconductor
VT985013.3V Low Phase Noise Clock Multiplier 1 2 3 4 Vaishali Semiconductor
ICS60101LOW PHASE NOISE CLOCK MULTIPLIER 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS601-02Low Phase Noise Clock Multiplier 1 2 3 4 5 Integrated Circuit Systems
ICS601-21LOW PHASE NOISE CLOCK MULTIPLIER 1 2 3 4 5 MoreIntegrated Circuit Systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn