Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC850DSLCZT50BU Datasheet(PDF) 8 Page - Motorola, Inc

Part # XPC850DSLCZT50BU
Description  Communications Controller Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC850DSLCZT50BU Datasheet(HTML) 8 Page - Motorola, Inc

Back Button XPC850DSLCZT50BU Datasheet HTML 4Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 5Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 6Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 7Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 8Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 9Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 10Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 11Page - Motorola, Inc XPC850DSLCZT50BU Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
MPC850 (Rev. A/B/C) Hardware Specifications
MOTOROLA
This device contains circuitry protecting against damage due to high-static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid application
of any voltages higher than maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage
level (for example, either GND or VCC). Table 4-3 provides the package thermal
characteristics for the MPC850.
Table 3-2. Maximum Ratings
(GND = 0V)
Rating
Symbol
Value
Unit
Supply voltage
VDDH
-0.3 to 4.0
V
VDDL
-0.3 to 4.0
V
KAPWR
-0.3 to 4.0
V
VDDSYN
-0.3 to 4.0
V
Input voltage 1
1 Functional operating conditions are provided with the DC electrical specifications in Table 4-5. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
CAUTION: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction
applies to power-up and normal operation (that is, if the MPC850 is unpowered, voltage greater than 2.5 V must not
be applied to its inputs).
Vin
GND-0.3 to VDDH + 2.5 V
V
Junction temperature 2
2 The MPC850, a high-frequency device in a BGA package, does not provide a guaranteed maximum ambient
temperature. Only maximum junction temperature is guaranteed. It is the responsibility of the user to consider power
dissipation and thermal management. Junction temperature ratings are the same regardless of frequency rating of
the device.
Tj
0 to 95 (standard)
-40 to 95 (extended)
˚C
Storage temperature range
Tstg
-55 to +150
˚C


Similar Part No. - XPC850DSLCZT50BU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XPC850DSLCZT50BU NXP-XPC850DSLCZT50BU Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
XPC850DSLCZT50BU FREESCALE-XPC850DSLCZT50BU Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - XPC850DSLCZT50BU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com