Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQB-X0S10 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 0RQB-X0S10
Description  Input Under-Voltage Lockout
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-X0S10 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button 0RQB-X0S10 Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 9Page - Bel Fuse Inc. 0RQB-X0S10 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
0RQB-X0S10
tech.support@psbel.com
Figure 2. Efficiency at light load
Figure 3. Efficiency at heavy load
Note: The efficiency is measured at Ta = 25°C.
86.00%
89.00%
92.00%
95.00%
98.00%
4.8
9.6
19.2
28.9
38.5
Output current (A)
Efficiency @ light load
45V
50V
54V
56V
96.90%
97.20%
97.50%
97.80%
98.10%
48.1
57.7
67.3
77
86.6
96.2
Output current (A)
Efficiency @ heavy load
45V
50V
54V
56V


Similar Part No. - 0RQB-X0S10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-X0S11 BEL-0RQB-X0S11 Datasheet
774Kb / 20P
   10.6 VDC @ 94.3 A Output Input Under-Voltage Lockout
0RQB-X0S110 BEL-0RQB-X0S110 Datasheet
1Mb / 19P
   45-58 VDC Input
0RQB-X0S110G BEL-0RQB-X0S110G Datasheet
774Kb / 20P
   10.6 VDC @ 94.3 A Output Input Under-Voltage Lockout
0RQB-X0S11A BEL-0RQB-X0S11A Datasheet
1Mb / 19P
   45-58 VDC Input
0RQB-X0S11B BEL-0RQB-X0S11B Datasheet
1Mb / 19P
   45-58 VDC Input
More results

Similar Description - 0RQB-X0S10

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60012SMX25 SYNQOR-PQ60012SMX25 Datasheet
930Kb / 15P
   Input under-voltage lockout
logo
Emerson Network Power
AVQ100-36S3V3 EMERSON-NETWORKPOWER-AVQ100-36S3V3 Datasheet
227Kb / 15P
   Input under voltage lockout
logo
Bel Fuse Inc.
0RQB-70N54 BEL-0RQB-70N54 Datasheet
468Kb / 13P
   Input Under-Voltage Lockout
0RQB-50Y15X BEL-0RQB-50Y15X Datasheet
1Mb / 25P
   Input Under-Voltage Lockout
logo
SynQor Worldwide Headqu...
SQ60060QPX55 SYNQOR-SQ60060QPX55 Datasheet
2Mb / 15P
   Input under-voltage lockout
logo
Bel Fuse Inc.
0RQB-60Q05X BEL-0RQB-60Q05X Datasheet
863Kb / 20P
   Input Under Voltage Lockout
0RQP-H5T12 BEL-0RQP-H5T12 Datasheet
1Mb / 28P
   Input Under-Voltage Lockout
0RCY-D4T12H BEL-0RCY-D4T12H Datasheet
623Kb / 17P
   Input Under Voltage Lockout
0RHB-Q2T53 BEL-0RHB-Q2T53 Datasheet
513Kb / 12P
   Input Under-Voltage Lockout
0RQ1-Q2T12P BEL-0RQ1-Q2T12P Datasheet
691Kb / 18P
   Input Under Voltage Lockout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com