Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5274 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN5274
Description  4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5274 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN5274 Datasheet HTML 1Page - Panasonic Semiconductor AN5274 Datasheet HTML 2Page - Panasonic Semiconductor AN5274 Datasheet HTML 3Page - Panasonic Semiconductor AN5274 Datasheet HTML 4Page - Panasonic Semiconductor AN5274 Datasheet HTML 5Page - Panasonic Semiconductor AN5274 Datasheet HTML 6Page - Panasonic Semiconductor AN5274 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICs for Audio Common Use
1
AN5274
4.0 W
× 2 (18 V, 8 Ω) Power Amplifier with
Mute Function and Volume Control
s Overview
The AN5274 is a monolithic integrated circuit designed
for 4.0 W (18 V, 8
Ω) output audio power amplifier. It is
a dual channel SEPP IC suitable for stereo operation in
TV application.
s Features
• Built-in DC volume control
• Built-in mute circuit
• Built-in thermal protection circuit
• Built-in over current protection circuit
• Higher ripple rejection as compared to AN5273
• V
CC operating range : 14.2 V to 27.5 V
s Applications
• TV
HSIP012-P-0000A
Unit : mm
Volume
Ripple
filter
Over
current
thermal
protection
circuit
7.7
±0.3
(12.5)
19.1
±0.3
21.9
±0.3
(1.2)
φ3.6
R1.8
s Block Diagram
Pin No.
Description
7
Ch.2 output
8
Negative feedback ch.2
9
GND
10
VCC
11
Negative feedback ch.1
12
Ch.1 output
Pin No.
Description
1
Mute control
2
Ch.1 input
3
Volume control
4
Ripple rejection
5
Ch.2 input
6
Ripple filter
s Pin Descriptions


Similar Part No. - AN5274

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
   15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
AN5276 PANASONIC-AN5276 Datasheet
69Kb / 8P
   5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
More results

Similar Description - AN5274

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5278 PANASONIC-AN5278 Datasheet
77Kb / 9P
   4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
AN5276 PANASONIC-AN5276 Datasheet
69Kb / 8P
   5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
   Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4753 NSC-LM4753 Datasheet
464Kb / 13P
   Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com