Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC850DEZT80BU Datasheet(PDF) 11 Page - Motorola, Inc

Part # XPC850DEZT80BU
Description  Communications Controller Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC850DEZT80BU Datasheet(HTML) 11 Page - Motorola, Inc

Back Button XPC850DEZT80BU Datasheet HTML 7Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 8Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 9Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 10Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 11Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 12Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 13Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 14Page - Motorola, Inc XPC850DEZT80BU Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MOTOROLA
MPC850 (Rev. A/B/C) Hardware Specifications
11
Layout Practices
P
D = PINT + PI/O
P
INT = IDD x VDD
,
watts—chip internal power
P
I/O = Power dissipation on input and output pins—user determined
For most applications P
I/O < 0.3 PINT and can be neglected. If PI/O is neglected
,
an
approximate relationship between P
D and TJ is:
P
D = K ÷ (TJ + 273°C)
(2)
Solving equations (1) and (2) for K gives:
K = P
D (TA + 273°C) + θJA • PD
2
(3)
where K is a constant pertaining to the particular part. K can be determined from equation
(3) by measuring P
D
(at equilibrium) for a known T
A
. Using this value of K, the values of
P
D and TJ can be obtained by solving equations (1) and (2) iteratively for any value of TA.
5.1
Layout Practices
Each V
CC pin on the MPC850 should be provided with a low-impedance path to the board’s
supply. Each GND pin should likewise be provided with a low-impedance path to ground.
The power supply pins drive distinct groups of logic on chip. The V
CC power supply should
be bypassed to ground using at least four 0.1 µF by-pass capacitors located as close as
possible to the four sides of the package. The capacitor leads and associated printed circuit
traces connecting to chip V
CC and GND should be kept to less than half an inch per capacitor
lead. A four-layer board is recommended, employing two inner layers as V
CC and GND
planes.
All output pins on the MPC850 have fast rise and fall times. Printed circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and
reflections caused by these fast output switching times. This recommendation particularly
applies to the address and data busses. Maximum PC trace lengths of six inches are
recommended. Capacitance calculations should consider all device loads as well as
parasitic capacitances due to the PC traces. Attention to proper PCB layout and bypassing
becomes especially critical in systems with higher capacitive loads because these loads
create higher transient currents in the V
CC and GND circuits. Pull up all unused inputs or
signals that will be inputs during reset. Special care should be taken to minimize the noise
levels on the PLL supply pins.


Similar Part No. - XPC850DEZT80BU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XPC850DEZT80BU NXP-XPC850DEZT80BU Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
XPC850DEZT80BU FREESCALE-XPC850DEZT80BU Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - XPC850DEZT80BU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC850EC MOTOROLA-MPC850EC Datasheet
408Kb / 68P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com