Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG528 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix DG528 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG528/529
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-6
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
TEST CIRCUITS
FIGURE 4. Break-Before-Make
DG528
DG529
EN
V+
GND
V–
+5 V
35 pF
–15 V
+15 V
+2.4 V
RS
A0, A1, (A2)Db, D
All S and Da
WR
300
W
VO
50
W
Logic
Input
Switch
Output
VO
VS
tOPEN
tr <20 ns
tf <20 ns
3 V
0 V
50%
80%
0 V
DG528
DG529
FIGURE 5. Transition Time
S1b
S1a – S4a, Da
S2b and S3b
Db
RS
A0
A1
50
W
WR
300
W
VO
#10 V
"10 V
S4b
EN
V+
GND
V–
35 pF
–15 V
+15 V
+2.4 V
RS
S1
S2 – S7
A0
A1
A2
50
W
WR
300
W
VO
S8
"10 V
#10 V
EN
V+
GND
V–
D
35 pF
–15 V
+15 V
+2.4 V
3 V
0 V
Logic
Input
Switch
Output
VS8
VO
tTRANS
tr <20 ns
tf <20 ns
S8 ON
S1 ON
tTRANS
0 V
VS1
50%
10%
90%


Similar Part No. - DG528

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG528 INTERSIL-DG528 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Intersil Corporation
DG528AK INTERSIL-DG528AK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
More results

Similar Description - DG528

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com