Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 43172015
Description  Cable connector - CA-09S1N1280DN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619768
03/30/2016   Page 2 / 4
Cable connector - CA-09S1N1280DN - 1619768
Technical data
Data of the insulating body
Litz wire cross section of power contacts min.
0.08 mm²
Litz wire cross section of power contacts max.
2.5 mm²
Nominal current per power contact at 25°C
20 A
Nominal voltage, power contact
300 V
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts min.
0.08 mm²
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact at 25°C
8 A
Nominal voltage, signal contact
300 V
Overvoltage category
II
Degree of pollution
3
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
Screw locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Min. cable diameter
3 mm
Max. cable diameter
14.5 mm
Sealing material
NBR
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
272607xx
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260702
eCl@ss 7.0
27440102
eCl@ss 8.0
27440102
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002635
ETIM 5.0
EC002635


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
64Kb / 4P
   Cable connector - CA-06P1N128006
43172015 PHOENIX-43172015 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-17S1N12HZ00
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
   Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
   Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
   Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
   Cable connector - CA-17S1N12T006
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com