Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS3012B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDS3012B
Description  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS3012B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDS3012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features & Benefits
100 to 600 MHz Bandwidths
5 GS/s Maximum Real-time
Sample Rate, with Sin(x)/x
Interpolation
3,600 wfms/s Continuous
Waveform Capture Rate
2 or 4 Channels
Full VGA Color LCD
25 Automatic Measurements
FFT Standard
Multi-language User Interface
QuickMenu Graphical User
Interface for Easy Operation
WaveAlert® Automatic Waveform
Anomaly Detection
OpenChoice® Solutions
Simplify Instrument Control,
Documentation and Analysis
– e*Scope® Web-based
Remote Control
– Built-in Ethernet Port
– GPIB, RS232, VGA
– TDSPCS1 OpenChoice
Software
– WaveStarSoftware
– Integration with Third-party
Software
Application Modules for
Specialized Analysis
– Advanced Analysis Module
– Limit Testing Module
– Telecommunications Mask
Testing Module
– Extended Video Module
– 601 Serial Digital Video Module
Optional Internal Battery
Operation up to 3 Hours
Plug-in Printer for Portable
Documentation of Results
TekProbeInterface Supports
Active, Differential and Current
Probes for Automatic Scaling
and Units
Applications
Digital Design, Debug and Test
Video Installation and Service
Power Supply Design
Education and Training
Telecommunications Mask Testing
Manufacturing Test
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
The TDS3000B Series of Digital Phosphor Oscilloscopes
Provides Unmatched Performance and Portability
at an Affordable Price
The TDS3000B packs the power of a
DPO, digital real-time (DRT) sampling
technology, WaveAlert waveform anomaly
detection, OpenChoice documentation
and analysis solutions and five application-
specific modules into a lightweight,
battery-capable design.
A DPO Provides a Greater Level
of Insight into Complex Signals
The TDS3000B Series DPO delivers
3,600 wfms/s continuous waveform
capture rate to capture glitches and
infrequent events three times faster than
comparable oscilloscopes. Some oscillo-
scope vendors claim high waveform
capture rates for short bursts of time,
but only DPOs can deliver these fast
waveform capture rates on a continuous
basis – saving minutes, hours or even
days by quickly revealing the nature of
faults so advanced triggers can be
applied to isolate them.
In addition, the TDS3000B DPO’s
real-time intensity grading highlights the
details about the “history” of a signal’s
activity, making it easier to understand
the characteristics of the waveforms
you’ve captured.
The TDS3000B DPO provides unmatched
insight into complex signal behavior,
such as metastable events.


Similar Part No. - TDS3012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS3012C ETC2-TDS3012C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3012C TEKTRONIX-TDS3012C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Similar Description - TDS3012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com