Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS3012B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. TDS3012B
Description  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS3012B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
4
Characteristics
TDS3000B Series Electrical Characteristics
TDS3012B
TDS3014B
TDS3024B
TDS3032B
TDS3034B
TDS3044B TDS3052B
TDS3054B
TDS3064B
Bandwidth
100 MHz
100 MHz
200 MHz
300 MHz
300 MHz
400 MHz
500 MHz
500 MHz
600 MHz
Channels
24424
4
2
44
Sample Rate on
1.25 GS/s
1.25 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
5 GS/s
5GS/s
Each Channel
Maximum
10 K points on all models
Record Length
Vertical
9 Bits on all models
Resolution
Vertical
1 mV to 10 V on all models
Sensitivity
(/div)
Vertical
±2% on all models
Accuracy
Max Input
150 V
RMS CAT I on all models (300 V CAT II with standard 10X probe)
Voltage (1 M
Ω)
Position Range
±5 div on all models
BW Limit
20 MHz
20 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
Input Coupling
AC, DC, GND on all models
Input
1 M
Ω in parallel with 13 pF or 50 Ω on all models
Impedance
Selections
Time Base
4 ns to
4 ns to
2 ns to
2 ns to
2 ns to
1 ns to
1 ns to
1 ns to
1 ns to
Range
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
Time Base
20 ppm on all models
Accuracy
Display Monitor
Color active matrix LCD on all models
(VGA)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MCS38140PG05CGPS Digital Correlator 1 2 3 4 5 MoreMotorola, Inc
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPD77018A16 bits Fixed-point Digital Signal Processor 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn