Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS3012B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. TDS3012B
Description  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS3012B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
2
Higher Speeds Demand
Greater Bandwidth
You face faster clock rates and edge
speeds, increasingly complex signals and
mounting time-to-market pressures. The
higher the bandwidth of your oscilloscope,
the more accurate the reproduction of
your signal. The TDS3000B Series offers
a wide range of bandwidths from 100 MHz
to 600 MHz to best suit the needs of your
most demanding projects, so that you
can complete your tasks on time and
with confidence.
Quickly Debug and Characterize
Signals with DRT Sampling
Technology and Sin(x)/x
Interpolation
The TDS3000B Series combines unique
digital real-time (DRT) sampling technology
with sin(x)/x interpolation to allow you to
accurately characterize a wide range of
signal types on all channels simultaneously.
This sampling technology makes it
possible to capture high-frequency
information, such as glitches and edge
anomalies, that eludes other oscilloscopes
in its class, while sin(x)/x interpolation
ensures precise reconstruction of each
waveform. The result – a complete view
of your signal to speed debug and
characterization.
Enhanced Troubleshooting Ability
WaveAlert® waveform anomaly detection
speeds your troubleshooting tasks by
helping you find those elusive problems
faster. WaveAlert detection monitors the
incoming signals on all channels and will
detect and highlight any waveform that
deviates from the normal waveform being
acquired. Because the TDS3000B
oscilloscope can stop acquisition, sound
a beep, make a hard copy or save the
waveform when it detects an anomaly,
you can run tests over long time periods
– even unattended – to find those
challenging, very infrequent failures.
An increase in performance from 500 to
600 MHz bandwidth offers a 20% improvement
in rise-time measurement accuracy, as
illustrated with these measurements of a
20 ps rising edge. The lower trace is a
reference waveform, showing the rise-time
performance of a 500 MHz oscilloscope.
The upper trace shows the improved
performance of a 600 MHz oscilloscope.
The TDS3054B’s 5 GS/s real-time sample
rate and sin(x)/x interpolation ensure accurate
reconstruction of a 500 MHz sine wave.
Even with 2 GS/s sample rate, which
exceeds the Nyquist requirement of 2X
oversampling, this 500 MHz oscilloscope
with linear interpolation does not provide
accurate reconstruction of the same
500 MHz sine wave.
WaveAlert® waveform anomaly detection
alerts you to any waveform that deviates
from the “normal” input, such as the glitch
on channel 2.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MCS38140PG05CGPS Digital Correlator 1 2 3 4 5 MoreMotorola, Inc
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPD77018A16 bits Fixed-point Digital Signal Processor 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn