Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6969BDQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6969BDQ
Description  Dual P-Channel 1.8-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6969BDQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6969BDQ Datasheet HTML 1Page - Vishay Siliconix SI6969BDQ Datasheet HTML 2Page - Vishay Siliconix SI6969BDQ Datasheet HTML 3Page - Vishay Siliconix SI6969BDQ Datasheet HTML 4Page - Vishay Siliconix SI6969BDQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si6969BDQ
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72017
S-22051—Rev. B, 18-Nov-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
-0.45
-0.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = -9.6 V, VGS = 0 V
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = -9.6 V, VGS = 0 V, TJ = 70_C
-25
mA
On-State Drain Currenta
ID(on)
VDS -8 V, VGS = -4.5 V
-30
A
VGS = -4.5 V, ID = -4.6 A
0.024
0.030
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -3.8 A
0.031
0.040
W
DS(on)
VGS = -1.8 V, ID = -3.0 A
0.044
0.055
Forward Transconductancea
gfs
VDS = -8 V, ID = -4.6 A
18
S
Diode Forward Voltagea
VSD
IS = -1.25 A, VGS = 0 V
-0.68
-1.1
V
Dynamicb
Total Gate Charge
Qg
16.5
25
Gate-Source Charge
Qgs
VDS = -6 V, VGS = -4.5 V, ID = -4.6 A
2
nC
Gate-Drain Charge
Qgd
4.7
Turn-On Delay Time
td(on)
20
40
Rise Time
tr
VDD = -6 V, RL = 6 W
35
60
Turn-Off Delay Time
td(off)
VDD = -6 V, RL = 6 W
ID ^ -1.0 A, VGEN = -4.5 V, RG = 6 W
110
180
ns
Fall Time
tf
90
150
Source-Drain Reverse Recovery Time
trr
IF = -1.25 A, di/dt = 100 A/ms
100
200
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
0
1234
5
VGS = 5 thru 2.5 V
TC = -55_C
125
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V
2 V


Similar Part No. - SI6969BDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6969BDQ VISHAY-SI6969BDQ Datasheet
106Kb / 6P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI6969BDQ VISHAY-SI6969BDQ_V01 Datasheet
106Kb / 6P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI6969BDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com