Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN5195K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN5195K
Description  Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN5195K Datasheet(HTML) 3 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ICs for TV
AN5195K-C
3
Pin No.
Description
1
(R) clamp
2
(G) clamp
3
(B) clamp
4
Killer filter
5
Killer out, 50 Hz/60 Hz out, SECAM det. out
6
Chroma APC filter
7
Chroma VCO (4.43 MHz)
8
Chroma VCO (3.58 MHz)
9
Black level det.
10
YS input
11
External R input
12
External G input
13
External B input
14
VCC1
15
R output
16
G output
17
B output
18
Hor. lock detect
19
GND (RGB/I2C/DAC)
20
ACL
21
SDA
22
SCL
23
VCC3-1 (VIF/SIF)
24
VIF1 input
25
VIF2 input
26
GND (VIF/SIF)
27
RF AGC output
28
Audio output
29
De-emphasis
30
AFT output
31
External video input
32
DC decoupling filter
Pin No.
Description
33
SIF3 input/ sharpness
34
External audio input
35
SIF2 input
36
SIF1 input
37
IF AGC filter
38
Internal video1 input
39
SIF APC filter
40
Internal video2 input
41
VIF detect output
42
VIF APC1 filter
43
VIF VCO (fP/2)
44
Video output
45
Y input
46
HV sync. input
47
VCC3-2 (chroma/jungle/DAC)
48
Chroma input/black expansion start
49
GND (video/chroma/jungle)
50
FBP input
51
VCC2 (hor. stability supply)
52
AFC2 filter
53
AFC1 filter
54
Hor. VCO (32 fH)
55
X-ray protection input
56
Hor. pulse output
57
Ver. sync. clamp
58
Ver. pulse output
59
SECAM interface
60
−(B−Y) output
61
−(R−Y) output
62
Sandcastle pulse output
63
−(B−Y) input
64
−(R−Y) input
s Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn