Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5195K Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # AN5195K
Description  Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5195K Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button AN5195K Datasheet HTML 18Page - Panasonic Semiconductor AN5195K Datasheet HTML 19Page - Panasonic Semiconductor AN5195K Datasheet HTML 20Page - Panasonic Semiconductor AN5195K Datasheet HTML 21Page - Panasonic Semiconductor AN5195K Datasheet HTML 22Page - Panasonic Semiconductor AN5195K Datasheet HTML 23Page - Panasonic Semiconductor AN5195K Datasheet HTML 24Page - Panasonic Semiconductor AN5195K Datasheet HTML 25Page - Panasonic Semiconductor AN5195K Datasheet HTML 26Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AN5195K-C
ICs for TV
26
s Application Circuit Example
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
14
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
9
10
11
12
13
15
16
14
8
7
6
5
4
2
1
3
0.1
µF
0.1
µF
0.01
µF
0.01
µF
0.1
µF
2.2
µF
680 k
SECAM interface
V out
8.2
µH
33 pF
AFC1
AFC2
FBP in
Det. out
VOSC
APC1
AGC
GND
0.01
µF
0.047
µF
0.047
µF
820
9
10
11
12
13
15
16
14
8
7
6
5
4
2
1
3
Ver.
clamp
0.22
µF
0.1
µF
47
µF
0.022
µF
(8 V)
220
220 pF
820
180
Ω 3.3 kΩ
10 k
C in
10 k
1.8 k
10
µF
270
910
Ω 910 Ω
680 k
2 k
1 k
150
1 200 pF
0.47
µF
1 000 pF
0.47
µF
10
µF
0.01
µF
0.01
µF
0.01
µF
Video out
Y in
2.2 k
1 k
30 pF56
µH
10 k
10
µF
0.033
µF
47
µF
1 000 pF
47
µF
0.1
µF
1 200 pF
0.022
µF
V
CC2
10 k
(VCJ)
150 pF2.7
µH
10 k
130 k
680 k
Int. V2
Int.
V1
SIF1 in
SIF2 in
SIF3 in
sharpness
Ext. audio in
910
V
CC3 = 5 V
0.022
µF
33 k
2.2
µF
0.047
µF
0.47
µF
4.7
µF
180
k
1 M
12 pF
15 pF
1 M
APC
0.022
µF
Killer
0.022
µF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
R
Y
S
B L
det.
4.43
MHz
3.58
MHz
G
B
R
47
µF
1.5 k
G
1.5 k
B
1.5 k
0.022
µF
4.7
µF
V
CC3
(VIF/SIF)
GND (RGB/DAC)
ACL
SDA
SCL
1 M
4.7
4.7
1.2
µH
39 k
150 k
Ω 150 kΩ
75
6.8 k
0.01
µF
1 200 pF
10
µF
910
1 k
7.5 k
56
3.6 k
Ω10 kΩ
0.01
µF
47
µF
0.01
µF
10
µF
10
µF
De-emphasis
Decoupling
AFT
GND
(VIF/SIF)
RF AGC
15 k
Ω 15 kΩ
47
µF
10
µF
10
µF
10
µF
10
µF
10
µF
10
µF
47
µF
47
µF
100
µF
1.8 k
12


Similar Part No. - AN5195K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5192 PANASONIC-AN5192 Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
More results

Similar Description - AN5195K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
Sanyo Semicon Device
LA7615 SANYO-LA7615 Datasheet
206Kb / 39P
   Single-Chip NTSC Color TV IC
logo
NXP Semiconductors
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com