Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5192 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN5192
Description  Single chip IC with I2C bus Interface for PAL/NTSC color TV system
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5192 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN5192 Datasheet HTML 3Page - Panasonic Semiconductor AN5192 Datasheet HTML 4Page - Panasonic Semiconductor AN5192 Datasheet HTML 5Page - Panasonic Semiconductor AN5192 Datasheet HTML 6Page - Panasonic Semiconductor AN5192 Datasheet HTML 7Page - Panasonic Semiconductor AN5192 Datasheet HTML 8Page - Panasonic Semiconductor AN5192 Datasheet HTML 9Page - Panasonic Semiconductor AN5192 Datasheet HTML 10Page - Panasonic Semiconductor AN5192 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICs for TV
AN5192K
7
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Video signal processing circuit (continued) (In the following test conditions, the measurements are made with
input: 0.6 V[p-p] (VWB = 0.42 V[0-p] stair-step) at G-out.)
Video input clamp current
IYCLP
DC measurement: IC inside sink current
813
18
µA
ACL start point
VACL
V20 at which output amplitude becomes
3.4
3.7
4.0
V
90% in decreasing ACL pin (V20)
from 5 V
Color signal processing circuit (In the following test conditions, burst 300 mV[p-p] (PAL) and reference is B-out)
Color-difference output (typ.)
VCO
Input: Color bar
2.6
3.3
4.0
V[p-p]
Data 00
= 40 (typ.), 03 = 40 (typ.)
Color-difference output (max.)
VCOmax
Data 00
= 7F amplitude of one side 2.3
3.0
V[0-p]
Data 03
= 40
Color-difference output (min.)
VCOmin
Data 00
= 00
0
100
mV[p-p]
Data 03
= 40
Contrast variable range
CCmax/min 03 = FF
Data 00
= 40
20
25
33
dB
03
= 00
ACC characteristics 1
ACC1
Burst 300 mV[p-p]
→600 mV[p-p]
0.9
1.0
1.2
Time
Input; Rainbow
ACC characteristics 2
ACC2
Burst 300 mV[p-p]
→60 mV[p-p]
0.7
1.0
1.1
Time
Input; Rainbow
NTSC tint center
∆θ
C
Difference from Data
= 01 = 40
−13
0
+13
Step
(Tint) at which tint is adjusted to center.
NTSC tint variable range 1
∆θ
1
Data 01
= 7F
30
50
65
deg
NTSC tint variable range 2
∆θ
2
Data 01
= 00
−65
−50
−30
deg
Color-difference output ratio (R)
R/B
Input; Rainbow for both PAL/NTSC
0.71
0.83
0.95
Time
Color-difference output ratio (G)
G/B
Input; Rainbow for both PAL/NTSC
0.31
0.37
0.43
Time
Color-difference output angle (R)
∠R
Input; Rainbow for both PAL/NTSC
78
90
102
deg
Color-difference output angle (G)
∠G
Input; Rainbow for both PAL/NTSC
224
236
248
deg
PAL color killer tolerance
VKillP
0 dB
= 300 mV[p-p]
−57
−44
−34
dB
NTSC color killer tolerance
VKillN
0 dB
= 300 mV[p-p]
−57
−44
−34
dB
APC pull-in range (high)
fCPH
For both PAL/NTSC
450
900
Hz
APC pull-in range (low)
fCPL
For both PAL/NTSC
−900 −450
Hz
Color killer detection output voltage
VKC
V5 measured when chroma is input
4.5
5.0
V
(Color)
Color killer detection output voltage
VKBW
V5 measured when no chroma is
0
0.1
0.5
V
(B&W)
input
Demodulation output-(B-Y)
VDB
Input; Color bar, measurement by pin 60
555
695
835
mV[p-p]
Demodulation output-(R-Y)
VDR
Input; Color bar, measurement by pin 61
430
540
650
mV[p-p]
Demodulation output angle
∠B
RDB
Phase shift of B-Y axis
−5
0
5
deg
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN5192

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5195K-C PANASONIC-AN5195K-C Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
More results

Similar Description - AN5192

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com