Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN5192K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN5192K
Description  Single chip IC with I2C bus Interface for PAL/NTSC color TV system
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN5192K Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ICs for TV
1
AN5192K
Single chip IC with I2C bus Interface for PAL/NTSC color TV system
s Overview
The AN5192K is a single chip IC for PAL/
NTSC system color TV. TV for multiple systems
can be easily designed by the use of this IC in com-
bination with SECAM demodulation IC (The AN
5637).
s Features
• Free of mechanical adjustment
Built-in I2C bus interface eliminates the need for
mechanical adjustment
• Rationalization of external components
Built-in chroma trap and BPF reduce the external
components
s Applications
• TV, TV with VCR
64
33
132
1.778
19.05
0.25
+0.1
–0.05
0.5
+0.1
–0.05
0
° to 15°
(1.0)
(1.641)
Seating plane
58.4±0.3
Unit: mm
SDIP064-P-0750B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn